データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR395BUJZ-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 ADR395BUJZ-REEL7
部品情報  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR395BUJZ-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button ADR395BUJZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR395BUJZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
2.040
–40
–5
30
65
100
125
2.044
2.048
2.052
2.056
2.060
SAMPLE 3
SAMPLE 2
SAMPLE 1
Figure 3. ADR390 Output Voltage vs. Temperature
2.494
–40
–5
30
65
100
125
2.496
2.498
2.500
2.502
2.504
2.506
SAMPLE 1
SAMPLE 2
SAMPLE 3
TEMPERATURE (
°C)
Figure 4. ADR391 Output Voltage vs. Temperature
TEMPERATURE (
°C)
4.100
–40
0
40
80
125
4.098
4.096
4.094
4.090
4.088
4.092
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 5. ADR392 Output Voltage vs. Temperature
5.006
–40
–5
30
65
125
5.004
5.002
5.000
4.996
4.994
4.998
100
SAMPLE 1
SAMPLE 2
SAMPLE 3
TEMPERATURE (
°C)
Figure 6. ADR395 Output Voltage vs. Temperature
INPUT VOLTAGE (V)
140
120
40
2.5
15.0
5.0
7.5
10.0
12.5
100
80
60
+125
°C
+25
°C
–40
°C
+85
°C
Figure 7. ADR390 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
140
120
40
2.5
15.0
5.0
7.5
10.0
12.5
100
80
60
+85
°C
+25
°C
–40
°C
Figure 8. ADR391 Supply Current vs. Input Voltage


同様の部品番号 - ADR395BUJZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR395BUJZ-REEL7 AD-ADR395BUJZ-REEL7 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR395BUJZ-REEL71 AD-ADR395BUJZ-REEL71 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
More results

同様の説明 - ADR395BUJZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com