データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74ACT191M データシート(PDF) 7 Page - Texas Instruments

部品番号 CD74ACT191M
部品情報  Presettable Synchronous 4-Bit Binary Up/Down Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT191M データシート(HTML) 7 Page - Texas Instruments

Back Button CD74ACT191M Datasheet HTML 2Page - Texas Instruments CD74ACT191M Datasheet HTML 3Page - Texas Instruments CD74ACT191M Datasheet HTML 4Page - Texas Instruments CD74ACT191M Datasheet HTML 5Page - Texas Instruments CD74ACT191M Datasheet HTML 6Page - Texas Instruments CD74ACT191M Datasheet HTML 7Page - Texas Instruments CD74ACT191M Datasheet HTML 8Page - Texas Instruments CD74ACT191M Datasheet HTML 9Page - Texas Instruments CD74ACT191M Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Propagation Delay
CE to RC
tPLH, tPHL
1.5
-
-
137
-
-
151
ns
3.3
4.4
-
15.4
4.2
-
16.9
ns
5
3.1
-
11
3
-
12.1
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 14)
-
-
96
-
-
96
-
pF
ACT TYPES
Propagation Delay
PL to Qn
tPLH, tPHL
5
(Note 13)
4.2
-
14.8
4.1
-
16.3
ns
Propagation Delay
Pn to Qn
tPLH, tPHL
5
3.9
-
13.8
3.8
-
15.2
ns
Propagation Delay
CP to Qn
tPLH, tPHL
5
4.1
-
14.5
4
-
16
ns
Propagation Delay
CP to RC
tPLH, tPHL
5
3.1
-
10.9
3
-
12
ns
Propagation Delay
CP to TC
tPLH, tPHL
5
5.2
-
18.2
5
-
20
ns
Propagation Delay
U/D to RC
tPLH, tPHL
5
5.6
-
19.7
5.4
-
21.7
ns
Propagation Delay
U/D to TC
tPLH, tPHL
5
3.8
-
13.5
3.7
-
14.9
ns
Propagation Delay
CE to RC
tPLH, tPHL
5
3.3
-
11.5
3.2
-
12.7
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 14)
-
-
96
-
-
96
-
pF
NOTES:
11. Limits tested 100%.
12. 3.3V Min is at 3.6V, Max is at 3V.
13. 5V Min is at 5.5V, Max is at 4.5V
14. CPD is used to determine the dynamic power consumption per package.
PD =CPDVCC
2 f
i +(CL +VCC2fo) where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
FIGURE 1.
FIGURE 2.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
1/fMAX
CP
Qn OR TC
VS
tPHL
tW
tPLH
INPUT LEVEL
VS
VS
VS
CP OR CE
RC
tPHL
INPUT LEVEL
tPLH
VS
VS
VS
VS
CD74AC191, CD74ACT191


同様の部品番号 - CD74ACT191M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74ACT10 TI-CD74ACT10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
CD74ACT10 TI1-CD74ACT10 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10-MIL TI1-CD74ACT10-MIL Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT109 TI-CD74ACT109 Datasheet
337Kb / 10P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74ACT109 TI-CD74ACT109 Datasheet
228Kb / 8P
[Old version datasheet]   Dual j-k Flip-Flop with Set and Reset
More results

同様の説明 - CD74ACT191M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com