データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC14DG データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHC14DG
部品情報  Hex Schmitt Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC14DG データシート(HTML) 1 Page - ON Semiconductor

  MC74VHC14DG Datasheet HTML 1Page - ON Semiconductor MC74VHC14DG Datasheet HTML 2Page - ON Semiconductor MC74VHC14DG Datasheet HTML 3Page - ON Semiconductor MC74VHC14DG Datasheet HTML 4Page - ON Semiconductor MC74VHC14DG Datasheet HTML 5Page - ON Semiconductor MC74VHC14DG Datasheet HTML 6Page - ON Semiconductor MC74VHC14DG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 10
1
Publication Order Number:
MC74VHC14/D
MC74VHC14
Hex Schmitt Inverter
The MC74VHC14 is an advanced high speed CMOS Schmitt
inverter fabricated with silicon gate CMOS technology. It achieves
high speed operation similar to equivalent Bipolar Schottky TTL
while maintaining CMOS low power dissipation.
Pin configuration and function are the same as the MC74VHC04 but
the inputs have hysteresis and, with its Schmitt trigger function, the
VHC14 can be used as a line receiver which will receive slow input
signals.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 5.5 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 2.0 mA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2.0 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance: Human Body Model > 2000 V;
Machine Model > 200 V
Chip Complexity: 60 FETs or 15 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
Figure 1. 14−Lead Pinout (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
GND
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
L
H
FUNCTION TABLE
Inputs
Outputs
A
H
L
Y
SOIC−14
D SUFFIX
CASE 751A
TSSOP
DT SUFFIX
CASE 948G
(Note: Microdot may be in either location)
MARKING
DIAGRAMS
1
14
VHC
14
ALYW G
G
1
14
VHC14G
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G = Pb−Free Package


同様の部品番号 - MC74VHC14DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC14DG ONSEMI-MC74VHC14DG Datasheet
83Kb / 7P
   Hex Schmitt Inverter
February, 2006 ??Rev. 9
More results

同様の説明 - MC74VHC14DG

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com