データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-C615 データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-C615
部品情報  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C615 データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C615 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C615 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings at TA = 25°C
Parameter
DH AS
AlGaAs
Red
High
Efficiency
Red and
Orange
Yellow
High
Performance
Green and
Emerald Green
Units
DC Forward Current1
30
30
20
30
mA
Transient Forward Current2 (10
µsec Pulse)
500
500
500
500
mA
Reverse Voltage (Ir = 100
µA)
5
5
5
5
V
LED Junction Temperature
110
110
110
110
°C
Operating Temperature Range
–20 to +100
–40 to +100
–40 to +100
–20 to +100
°C
Storage Temperature Range
–40 to +100
–40 to +100
–40 to +100
–40 to +100
°C
Notes:
1. See Figure 5 for maximum current derating vs. ambient temperature.
2. The transient current is the maximum nonrecurring peak current the device can withstand without damaging the LED die and wire bond.
Package Dimensions
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ± 0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
Notes:
1. All dimensions are in millimeters (inches).
2. Leads are mild steel, solder dipped.
3. An epoxy meniscus may extend about 0.5 mm (0.020 in.)
down the leads.
CATHODE
LEAD
1.85 (0.073)
MAX.
CATHODE
FLAT
(NOTE 1)
Notes:
1. All dimensions are in millimeters (inches).
2. An epoxy meniscus may extend about 0.5 mm (0.020 in.) down the leads.
3. For PCB hole recommendations, see the Precautions section.


同様の部品番号 - HLMP-C615

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-C615 HP-HLMP-C615 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C615 HP-HLMP-C615 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C615 HP-HLMP-C615 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C615-G0001 AVAGO-HLMP-C615-G0001 Datasheet
229Kb / 6P
   Product Obsolescence Notification
logo
Agilent(Hewlett-Packard...
HLMP-C615-G00XX HP-HLMP-C615-G00XX Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

同様の説明 - HLMP-C615

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com