データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA782S データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BA782S
部品情報  Band Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA782S データシート(HTML) 1 Page - Vishay Siliconix

  BA782S Datasheet HTML 1Page - Vishay Siliconix BA782S Datasheet HTML 2Page - Vishay Siliconix BA782S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA782S, BA783S
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Feb-13
1
Document Number: 85709
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Band Switching Diodes
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.3 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
Silicon epitaxial planar diode switches
• AEC-Q101 qualified
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101
qualified
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
DESCRIPTION
For electric bandswitching in radio and TV tuners in the
frequency range of (50 to 1000) MHz. The dynamic forward
resistance is constant and very small over a wide range of
frequency and forward current. The reverse capacitance is
also small and largely independent of the reverse voltage.
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
REMARKS
BA782S
BA782S-E3-08 or BA782S-E3-18
R2
Tape and reel
BA782S-HE3-08 or BA782S-HE3-18
BA783S
BA783S-E3-08 or BA783S-E3-18
R3
Tape and reel
BA783S-HE3-08 or BA783S-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Reverse voltage
VR
35
V
Forward continuous current
IF
100
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Operating temperature range
Top
- 55 to + 125
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 20 V
IR
50
nA
Diode capacitance
f = 1 MHz, VR = 1 V
CD1
1.5
pF
f = 1 MHz, VR = 3 V
BA782S
CD2
1.25
pF
BA783S
CD2
1.2
pF
Dynamic forward resistance
f = (50 to 1000) MHz, IF = 3 mA
BA782S
rf1
0.7
BA783S
rf1
1.2
f = (50 to 1000) MHz, IF = 10 mA
BA782S
rf2
0.5
BA783S
rf2
0.9
Series inductance across case
LS
2.5
nH


同様の部品番号 - BA782S

メーカー部品番号データシート部品情報
logo
General Semiconductor
BA782S GE-BA782S Datasheet
81Kb / 2P
   Bandswitching Diodes
logo
Vishay Siliconix
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
   Band Switching Diodes
Rev. 1.6, 05-Aug-10
More results

同様の説明 - BA782S

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
   Band Switching Diodes
Rev. 1.5, 16-Mar-06
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
   Band Switching Diodes
Rev. 1.6, 16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
   Band Switching Diodes
Rev. 1.6, 05-Aug-10
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
   Band-switching diodes
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
   Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
   Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
   Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
   Band Switching Diodes
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
   Band Switching Diodes
logo
Vishay Siliconix
BA782-V VISHAY-BA782-V Datasheet
63Kb / 3P
   Band Switching Diodes
Rev. 1.4, 05-Aug-10
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
   Band Switching Diodes
Rev. 1.7, 05-Dec-07
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com