データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX2149NL データシート(PDF) 2 Page - Pulse A Technitrol Company

部品番号 CX2149NL
部品情報  RF Balun Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2149NL データシート(HTML) 2 Page - Pulse A Technitrol Company

  CX2149NL Datasheet HTML 1Page - Pulse A Technitrol Company CX2149NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
pulseelectronics.com
RF Balun Transformers
For Wideband RF Applications
C217.C (05/12)
Application Notes
Notes from Tables
For More Information
A. Bandwidth specifications for
CX2024, CX2024A and
CX2149 are for a 75 Ω system.
B. Materials used in the products are UL94-V0 recognized.
Products meet requirements of IEC 695-2-2 (Needle
Flame Test).
C. For additional impedance ratios and frequency ranges,
please contact Applications Engineering.
D. Pick and place operation: smooth upper surface of
device allows automatic pick and place.
1. Impedance and turns ratios are specified primary
:secondary.
2. These transformers are verified to operate from -40�C
to +85�C. Contact Applications Engineering for
performance data.
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.


同様の部品番号 - CX2149NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
CX2149NL PULSE-CX2149NL Datasheet
643Kb / 2P
   Low cost construction
More results

同様の説明 - CX2149NL

メーカー部品番号データシート部品情報
logo
MPS Industries, Inc.
R35040 MPSIND-R35040 Datasheet
521Kb / 2P
   RF & BALUN TRANSFORMERS
logo
EPCOS
B78408A1208A003 EPCOS-B78408A1208A003 Datasheet
88Kb / 4P
   RF transformers Balun
B78408A1246A003 EPCOS-B78408A1246A003 Datasheet
88Kb / 4P
   RF transformers Balun
logo
MPS Industries, Inc.
R36570 MPSIND-R36570 Datasheet
519Kb / 2P
   RF & BALUN TRANSFORMERS
logo
EPCOS
B78408A1243A003 EPCOS-B78408A1243A003 Datasheet
88Kb / 4P
   RF transformers Balun
logo
Abracon Corporation
ABT-4-XXX ABRACON-ABT-4-XXX Datasheet
139Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT3 ABRACON-ABT3 Datasheet
126Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-6-XXX ABRACON-ABT-6-XXX Datasheet
142Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-2-XXX ABRACON-ABT-2-XXX Datasheet
147Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-7-XXX ABRACON-ABT-7-XXX Datasheet
141Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com