データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTD500B105M32A0T00 データシート(PDF) 1 Page - United Chemi-Con, Inc.

部品番号 KTD500B105M32A0T00
部品情報  DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHEMI-CON [United Chemi-Con, Inc.]
ホームページ  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KTD500B105M32A0T00 データシート(HTML) 1 Page - United Chemi-Con, Inc.

  KTD500B105M32A0T00 Datasheet HTML 1Page - United Chemi-Con, Inc. KTD500B105M32A0T00 Datasheet HTML 2Page - United Chemi-Con, Inc. KTD500B105M32A0T00 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
RATINGS
-55 to +125℃
1. Category Temperature Range
25, 50, 100, 250 Vdc
2. Rated Voltage Range
0.1 to 470µF
3. Rated Capacitance Range
M(±20%)
4. Rated Capacitance Tolerance
5. Temperature Characteristics
6. Rated Ripple Current
X7R
See No.5 on the following table
SPECIFICATIONS
Between
Terminals
250% of rated voltage shall be applied for 5 seconds.
No abnormality.
dc
products : 475V)
(Only 250Vdc products : 475V)
Withstand
Voltage
1
Terminals to
Coating Resin
3 Rated Capacitance
Within specified tolerance.
2 Insulation Resistance
100/CR(MΩ) or 4000(MΩ)
whichever is less.
Rated voltage shall be applied for 60±5 seconds at
temperature 25±2℃.
Test Condition
Specification
Items
No.
4 Dissipation Factor
5.0% maximum.
Temperature
Frequency
Voltage
1±0.1kHz
1±0.2Vrms
25±2℃
120±12Hz
0.5±0.2Vrms
CR≦10µF
CR
>10µF
FEATURES
1. Small in size and wide capacitance range.
Max. 470µF is available.
2. Temperature characteristic is X7R in EIA code.
3. Superior humidity characteristic and long life.
4. Excellent high frequency characteristic due to low ESR.
5. High rated ripple current.
6. 250Vdc items are available.
7. Resin(UL94 V-0) used for coating.
8. Pb-free design(also ceramic dielectric)
APPLICATIONS
1. Smoothing circuit of switching mode AC-DC or DC-DC converter.
2. Noise suppressor for various kinds of equipments.
3. By-pass or decoupling circuits.
4. Automotive equipments.
CONSTRUCTION
Coating Resin
Ceramic
Dielectric
Termination
Solder (Pb-free)
Internal Electrode
Lead Wire
RoHS
Compliant
NTD
Series
As customer requirement, Chemi-Con has submits the test results according to AEC-Q200 for Multilayer ceramic
capacitors. Please contact us for more information.
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
23
CAT. No. E1002V


同様の部品番号 - KTD500B105M32A0T00

メーカー部品番号データシート部品情報
logo
United Chemi-Con, Inc.
KTD500B105M32A0T00 CHEMI-CON-KTD500B105M32A0T00 Datasheet
234Kb / 1P
   Thru-Hole Type Multilayer Ceramic Capacitors
KTD500B105M32A0T00 CHEMI-CON-KTD500B105M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD500B105M32A0T00 CHEMI-CON-KTD500B105M32A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD500B105M32A0T00 CHEMI-CON-KTD500B105M32A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results

同様の説明 - KTD500B105M32A0T00

メーカー部品番号データシート部品情報
logo
United Chemi-Con, Inc.
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD501B105M76 CHEMI-CON-KTD501B105M76 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com