データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ5939B データシート(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SMBJ5939B
部品情報  Surface mount zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ5939B データシート(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ5939B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ5939B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ5939B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ5939B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ5939B Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Production specification
Surface mount zener diode
SMBJ5913B--SMBJ5956B
Document Number : SMB501AA
www.gmicroelec.com
3
Part Number
Device
marking
code
Zener
voltage
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Revere
voltage
Max. DC
current
VZ
IZT
ZZT
IZK
ZZK
IR(Max.)
VR
IZM
V
m A
m A
μ A dc
V
m A
SMBJ5946B
946B
75
5.0
140
0.25
2000
1.0
56.0
20
SMBJ5947B
947B
82
4.6
160
0.25
2500
1.0
62.2
18
SMBJ5948B
948B
91
4.1
200
0.25
3000
1.0
69.2
16
SMBJ5949B
949B
100
3.7
250
0.25
3100
1.0
76.0
15
SMBJ5950B
950B
110
3.4
300
0.25
4000
1.0
83.6
13
SMBJ5951B
951B
120
3.1
380
0.25
4500
1.0
91.2
12
SMBJ5952B
952B
130
2.9
450
0.25
5000
1.0
98.8
11
SMBJ5953B
953B
150
2.5
600
0.25
6000
1.0
114.0
10
SMBJ5954B
954B
160
2.3
700
0.25
6500
1.0
121.6
9.0
SMBJ5955B
955B
180
2.1
900
0.25
7000
1.0
136.8
8.0
SMBJ5956B
956B
200
1.9
1200
0.25
8000
1.0
152.0
7.0
Notes: 1.No suffix indicates a ±20% tolerance on nominal Vz. Suffix A denotes a ±10% tolerance, B denotes a ±5% tolerance, C
denotes a ±2% tolerance, and D denotes a ±1% tolerance.
2. Zener voltage (Vz) is measured at TL=30 . Voltage
measurement to be performed 90 seconds after application of
dc current.
3.The zener impedance is derived from the 60Hz ac voltage, which results when an ac current having an r ms value
equal to 10% of the dc zener current(IZT or IZK) is superimposed on IZT or IZK.


同様の部品番号 - SMBJ5939B

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMBJ5939B JGD-SMBJ5939B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Shenzhen Luguang Electr...
SMBJ5939B LUGUANG-SMBJ5939B Datasheet
156Kb / 2P
   Zener Diodes
logo
Micro Commercial Compon...
SMBJ5939B MCC-SMBJ5939B Datasheet
264Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5939B MCC-SMBJ5939B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5939BHE3 MCC-SMBJ5939BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results

同様の説明 - SMBJ5939B

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com