データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP11 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100EP11
部品情報  3.3V / 5V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP11 データシート(HTML) 1 Page - ON Semiconductor

  MC100EP11 Datasheet HTML 1Page - ON Semiconductor MC100EP11 Datasheet HTML 2Page - ON Semiconductor MC100EP11 Datasheet HTML 3Page - ON Semiconductor MC100EP11 Datasheet HTML 4Page - ON Semiconductor MC100EP11 Datasheet HTML 5Page - ON Semiconductor MC100EP11 Datasheet HTML 6Page - ON Semiconductor MC100EP11 Datasheet HTML 7Page - ON Semiconductor MC100EP11 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2003
November, 2003 − Rev. 6
1
Publication Order Number:
MC10EP11/D
MC10EP11, MC100EP11
3.3V / 5VECL 1:2
Differential Fanout Buffer
The MC10/100EP11 is a differential 1:2 fanout buffer. The device is
pin and functionally equivalent to the LVEL11 device. With AC
performance much faster than the LVEL11 device, the EP11 is ideal
for applications requiring the fastest AC performance available.
The 100 Series contains temperature compensation.
220 ps Typical Propagation Delay
Maximum Clock Frequency > 3 GHz Typical
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Outputs Will Default LOW with Inputs Open or at V
EE
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
H = MC10
K = MC100
A = Assembly Location
SO−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
Device
Package
Shipping
ORDERING INFORMATION
MC10EP11D
SO−8
98 Units/Rail
MC10EP11DR2
SO−8
2500 Tape & Reel
MC100EP11D
SO−8
98 Units/Rail
MC100EP11DR2
SO−8
2500 Tape & Reel
MC10EP11DT
TSSOP−8
100 Units/Rail
MC10EP11DTR2
TSSOP−8
2500 Tape & Reel
MC100EP11DT
TSSOP−8
100 Units/Rail
MC100EP11DTR2
TSSOP−8
2500 Tape & Reel
ALYW
KEP11
ALYW
HP11
HEP11
ALYW
ALYW
KP11
1
8
1
8
1
8
1
8
1
8
1
8
1
8
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


同様の部品番号 - MC100EP11

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP11 ONSEMI-MC100EP11 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC100EP116 ONSEMI-MC100EP116 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC100EP116FA ONSEMI-MC100EP116FA Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC100EP116FAG ONSEMI-MC100EP116FAG Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC100EP116FAR2 ONSEMI-MC100EP116FAR2 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results

同様の説明 - MC100EP11

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com