データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-800J データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-800J
部品情報  Under-Voltage Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-800J データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-800J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics (1)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
For rated mains voltage 150 Vrms
For rated mains voltage 300 Vrms
For rated mains voltage 600 Vrms
I – IV
I – III
I – II
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
891
V
PEAK
Input to Output Test Voltage, Method b (2)
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial Discharge < 5 pC
V
PR
1670
V
PEAK
Input to Output Test Voltage, Method a (2)
V
IORM x 1.5 = VPR, Type and Sample Test, tm = 60 sec,
Partial Discharge < 5 pC
V
PR
1336
V
PEAK
Highest Allowable Over-voltage (2)
(Transient Over-voltage tini = 10 sec)
Safety-limiting values - maximum values allowed in the event of a failure
Case Temperature
Control Side Power (3)
Line Side Power (3)
V
IOTM
T
S
P
S, INPUT
P
S, OUTPUT
6000
175
400
1500
V
PEAK
°C
mW
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
>109
Notes:
1. Isolation characteristics are guaranteed only within the safety
maximum ratings that must be ensured by protective circuits in
application. Surface mount classification is class A in accordance
with CECCOO802.
2. Refer to the optocoupler section of the Isolation and Control
Component Designer’s Catalog, under Product Safety Regulations
section, (IEC/EN/DIN EN 60747-5-2) for a detailed description of
Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS, INPUT and PS,
OUTPUT on case temperature.
0 25 50 75 100 125 150 175 200
1600
1400
1200
1000
800
600
400
200
0
TS – CASE TEMPERATURE – °C
PS, OUTPUT
PS, INPUT
0 25 50 75 100 125 150 175 200
1600
1400
1200
1000
800
600
400
200
0
TS – CASE TEMPERATURE – °C
PS, OUTPUT
PS, INPUT
Regulatory Information
The HCPL-800J is pending for approval by the following organizations:
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01
with VIORM = 891 Vpeak.
UL
Recognized under UL 1577,
component recognition program, File E55361.
CSA
Approved under CSA
Acceptance Notice #5,
File CA 88324.


同様の部品番号 - HCPL-800J

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-8100 HP-HCPL-8100 Datasheet
266Kb / 11P
   High Current Line Driver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-8100 AVAGO-HCPL-8100 Datasheet
473Kb / 10P
   High Current Line Driver
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
   PLC Powerline DAA IC
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
More results

同様の説明 - HCPL-800J

メーカー部品番号データシート部品情報
logo
Integrated Silicon Solu...
IS31LT3135V1 ISSI-IS31LT3135V1 Datasheet
506Kb / 4P
   Power supply under?릚oltage detection
logo
Asahi Kasei Microsystem...
AP1163 AKM-AP1163 Datasheet
788Kb / 16P
   1000mA LDO Regulator with Over/Under Voltage Detection Function
AP1161 AKM-AP1161 Datasheet
835Kb / 16P
   300mA LDO Regulator with Over/Under Voltage Detection Function
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com