データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-3000 データシート(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-3000
部品情報  Isolated bipolar transistor base drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3000 データシート(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 12. Typical peak output 2 current vs.
output 2 voltage (safe operating area Q2).
Figure 11. Maximum total power dissipation
vs. ambient temperature.
Figure 10. Maximum IC output power
dissipation vs. ambient temperature.
Figure 9. LED forward current vs. ambient
temperature.
Figure 14. Normalized low to high threshold
input current vs. supply voltage.
Figure 13. Typical forward current vs. forward
voltage.
Figure 15. Normalized low to high threshold
input current vs. ambient temperature.
Figure 17. Typical low level output 1 voltage
vs. ambient temperature.
Figure 16. Typical low level output 1 voltage
vs. output 1 current.
30
25
20
15
10
5
0
-20
0
25
50
75
100
80
AMBIENT TEMPERATURE T (
°C)
A
600
500
400
300
200
100
0
-20
0
25
50
75
100
80
AMBIENT TEMPERATURE TA (°C)
600
500
400
300
200
100
0
-20
0
25
50
75
100
80
550
AMBIENT TEMPERATURE TA (°C)
10.0
5.0
2.0
1.0
0.5
0.2
0.2
0.5
1.0
2.0
5.0
10.0
20.0
OUTPUT 2 VOLTAGE V
(V)
02
0.1
I
MAX (PULSE)
02
T = 25
°C
A
DC (T = 80
°C)
A
I •
DC
S
I
MAX (CONTINUOUS)
02
100 ms•
10 ms• 1 ms•
V
(MAX)
CC
• SINGLE OSC.
PULSE
500
100
20
1
00.5
1.0
1.5
2.0
2.5
3.0
FORWARD VOLTAGE VF (V)
5
200
50
10
2
3.5
-20
°C
0
°C
50
°C
TA = 75°C
25
°C
1.2
1.1
1.0
0.9
0.8
0.7
4
68
10
12
14
SUPPLY VOLTAGE V
(V)
CC
T = 25
°C
A
1.6
1.4
1.2
1.0
0.8
0.6
-25
0
25
50
75
100
VCC = 6 V
AMBIENT TEMPERATURE TA (°C)
0.4
0.2
0.1
0.05
0.02
0.01
0.01
0.02
0.05
0.1
0.2
0.5
1.0
OUTPUT 1 CURRENT I01 (A)
0.005
R
= 10
L2
I
= 5 mA
F
T = 25
°C
A
V
= 6 V
CC
0.5
0.4
0.3
0.2
0.1
0
-25
0
25
50
75
100
R
= 10
L2
I
= 0.5 A
01
0.4 A
0.1 A
AMBIENT TEMPERATURE T (
°C)
A
V
= 6 V
CC
I = 5 mA
F


同様の部品番号 - HCPL-3000

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-3000 HP-HCPL-3000 Datasheet
217Kb / 9P
   Power Bipolar Transistor Base Drive Optocoupler
More results

同様の説明 - HCPL-3000

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-3000 HP-HCPL-3000 Datasheet
217Kb / 9P
   Power Bipolar Transistor Base Drive Optocoupler
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
   high power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
   high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
   high power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
   high power COMMON BASE bipolar transistor
logo
GHz Technology
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
   High power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
   high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TPR700 ADPOW-TPR700 Datasheet
268Kb / 3P
   high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR1000 GHZTECH-TPR1000 Datasheet
71Kb / 2P
   high power COMMON BASE bipolar transistor.
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
   High power COMMON BASE bipolar transistor.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com