データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3568 データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-3568
部品情報  T-13/4 (5 mm) Low Profile LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3568 データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3568 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Figure 1. Relative intensity vs. wavelength.
1.0
0.5
GREEN
TA = 25°C
RED
YELLOW
500
550
600
650
700
750
WAVELENGTH – nm
HIGH
EFFICIENCY
RED
Absolute Maximum Ratings at TA = 25°C
Parameter
3350 Series
3450 Series
3550 Series
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Power Dissipation[3]
135
85
135
mW
Reverse Voltage (IR = 100 μA)
5
5
5
V
Transient Forward Current[4] (10
μs Pulse)
500
500
500
mA
Operating Temperature Range
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
Wave Soldering Temperature
[1.59 mm (0.063 in.) from Body]
250°C for 3 seconds
Solder Dipping Temperature
[1.59 mm (0.063 in.) from Body]
260°C for 5 seconds
Notes:
1. See Figure 10 (High Efficiency Red), 15 (Yellow), or 20 (Green) to establish pulsed operating conditions.
2. For High Efficiency Red and Green Series, derate linearly from 50°C at 0.5 mA/°C. For Red and Yellow Series, derate linearly from 50°C at
0.2 mA/°C.
3. For High Efficiency Red and Green Series, derate power linearly from 25°C at 1.8 mW/°C. For Red and Yellow Series, derate power linearly from 50°C
at 1.6 mW/°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak current beyond the peak forward current listed in the Absolute Maximum
Ratings.


同様の部品番号 - HLMP-3568

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-3568 HP-HLMP-3568 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

同様の説明 - HLMP-3568

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com