データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-AB64 データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-AB64
部品情報  Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AB64 データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AB64 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB64 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Ratings
TA = 25°C
Parameter
Red
Green and Blue
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100 [2]
100 [3]
mA
Power Dissipation
120
116
mW
Reverse Voltage
5 (IR = 100 μA)
5 (IR = 10 μA)
V
LED Junction Temperature
130
110
°C
Operating Temperature Range
-40 to +100
-40 to +85
°C
Storage Temperature Range
-40 to +100
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 4 and Figure 8
2. Duty Factor 30%, frequency 1KHz.
3. Duty Factor 10%, frequency 1KHz.
Electrical / Optical Characteristics
TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
1.8
2.8
2.8
2.1
3.2
3.2
2.4
3.8
3.8
VIF = 20 mA
Reverse Voltage
Red
Green & blue
VR
5
5
V
IF = 100 μA
IF = 10 μA
Dominant Wavelength [1]
Red
Green
Blue
d
618
520
460
626
525
470
630
540
480
nm
IF = 20 mA
Peak Wavelength
Red
Green
Blue
PEAK
634
516
464
nm
Peak of Wavelength of
Spectral Distribution
at IF = 20 mA
Thermal Resistance
R
J-PIN
240
°C/W
LED Junction-to-Pin
Luminous Efficacy [2]
Red
Green
Blue
V
150
530
65
lm/W
Emitted Luminous Power/
Emitted Radiant Power
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/
V where IV is the luminous intensity in candelas and V is
the luminous efficacy in lumens/watt.


同様の部品番号 - HLMP-AB64

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-AB64-TW0XX BOARDCOM-HLMP-AB64-TW0XX Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results

同様の説明 - HLMP-AB64

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com