データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-AB74 データシート(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-AB74
部品情報  Well defi ned spatial radiation pattern
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AB74 データシート(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AB74 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Example of Wave Soldering Temperature Profile for TH LED
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature: 255°C ± 5°C
(maximum peak temperature = 260°C)
Dwell time: 3.0 sec - 5.0 sec
(maximum = 5sec)
Note: Allow for board to be sufficiently
cooled to room temperature before
exerting mechanical force.
60 sec Max
TIME (sec)
260°C Max
105°C Max
Ammo Packs Drawing
6.35 ± 1.30
0.250 ± 0.051
9.125 ± 0.625
0.3595 ± 0.0245
18.00 ± 0.50
0.7085 ± 0.0195
12.70 ± 0.30
0.500 ± 0.012
20.5 ± 1.00
0.8070 ± 0.0394
12.70 ± 1.00
0.500 ± 0.039
CATHODE
VIEW A - A
0.70 ± 0.20
0.276 ± 0.0075
4.00 ± 0.20
0.1575 ± 0.0075
TYP.
Note: All dimensions in millimeters (inches)


同様の部品番号 - HLMP-AB74

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AB70 AVAGO-HLMP-AB70 Datasheet
273Kb / 10P
   High brightness material
HLMP-AB71 AVAGO-HLMP-AB71 Datasheet
273Kb / 10P
   High brightness material
More results

同様の説明 - HLMP-AB74

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_11 Datasheet
403Kb / 2P
   NED-35_11
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com