データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-NM31 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-NM31
部品情報  T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NM31 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-NM31 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-NM31 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-NM31 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NM31 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NM31 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NM31 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NM31 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NM31 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The blue HLMP-DS25 and HLMP-NS30, and green
HLMP-DM25 and HLMP-NM31 LEDs are designed in an
industry standard T-1¾ and T-1 pack-ages with clear and
nondiffused optics.
These lamps are ideal for use as indicators and for general
purpose lighting. Blue lamps offer color differentiation as
blue is attractive and not widely available.
Features
• Popular T-1¾ and T-1 diameter packages
• General purpose leads
• Reliable and rugged
• Binned for color and intensity
• Bright InGaN dice
Applications
• Status indicators
• Small message panel
• Running and decorative lights for commercial use
• Back lighting
• Consumer audio
Package Dimensions
HLMP-DS25/DM25/NS30/NM31
T-1¾ (5 mm), T-1 (3 mm) InGaN LED Lamps
Data Sheet
CAUTION: Devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. For additional details, refer to Application Note AN-1142.
6.10 (0.240)
5.59 (0.220)
23.0
(0.90)
MIN.
0.45 (0.018)
SQUARE NOMINAL
2.54 (0.100)
NOM.
CATHODE
1.27 (0.050)
NOM.
0.89 (0.035)
0.64 (0.025)
9.19 (0.352)
8.43 (0.332)
5.08 (0.200)
4.57 (0.180)
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. EPOXY MENISCUS MAY EXTEND 1 mm (0.040") MAX DOWN THE LEADS.
HLMP-DS25/DM25
23.0 MIN.
5.85 ± 0.50
2.54 ± 0.30
HLMP-NS30/NM31
4.40 ± 0.30
3.10 ± 0.20
3.50 ± 0.30
1.0 MIN.
2.00
3.40 ± 0.20
0.44
± 0.20
0.40 + 0.10
– 0
CATHODE
MARKS
0.45 + 0.10
– 0.04
0.65 MAX.


同様の部品番号 - HLMP-NM31

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-NM31 AVAGO-HLMP-NM31 Datasheet
219Kb / 6P
   T-1 (3mm) InGaN LED Lamps
HLMP-NM31-R00XX AVAGO-HLMP-NM31-R00XX Datasheet
219Kb / 6P
   T-1 (3mm) InGaN LED Lamps
More results

同様の説明 - HLMP-NM31

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-CB1G-XZ0DD BOARDCOM-HLMP-CB1G-XZ0DD Datasheet
977Kb / 14P
   T-1쩐 (5 mm) InGaN Blue and Green LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com