データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-HL70 データシート(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-HL70
部品情報  5mm Standard Oval Red and Amber LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HL70 データシート(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HL70 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Avago Technologies
- 9 -
HLMP-HG70/71, HLMP-HL70/71
Data Sheet
Avago Technologies LED Configuration
Avago Technologies LED Configuration
NOTE
Electrical connection between the bottom
surface of the LED die and the lead frame is
achieved through conductive paste.
Any alignment fixture that is being applied during wave
soldering should be loosely fitted and should not apply
weight or force on the LED. Non- metal material is
recommended because it will absorb less heat during the
wave soldering process.
NOTE
To further assist the customer in designing he
jig accurately that fits the Avago
Technologies’ product, a 3D model of the
product is available upon request.
At elevated temperatures, the LED is more susceptible to
mechanical stress. Therefore, the PCB must allowed to cool
down to room temperature prior to handling, which
includes removal of the alignment fixture or pallet.
If the PCB board contains both through hole (TH) LEDs and
other surface mount components, it is recommended that
surface mount components be soldered on the top side of
the PCB. If surface mount must be on the bottom side,
these components should be soldered using reflow
soldering prior to insertion of the TH LED.
The recommended PC board plated through holes (PTH)
size for LED component leads follows.
Over-sizing the PTH can lead to a twisted LED after
clinching. On the other hand, under-sizing the PTH can
cause difficulty when inserting the TH LED.
Application Precautions
1.
The drive current of the LED must not exceed the
maximum allowable limit across temperature as stated in
the data sheet. Constant current driving is recommended
to ensure consistent performance.
2.
LEDs exhibit slightly different characteristics at different
drive currents that might result in larger performance
variation (i.e., intensity, wavelength, and forward voltage).
The user is recommended to set the application current as
close as possible to the test current to minimize these
variations.
3.
The LED is not intended for reverse bias. Use other
appropriate components for such purposes. When driving
the LED in matrix form, it is crucial to ensure that the
reverse bias voltage does not exceed the allowable limit of
the LED.
Anode
LED component lead
size
Diagonal
Plated through hole
diameter
0.45 mm × 0.45 mm
(0.018 in. × 0.018 in.)
0.636 mm
(0.025 in.)
0.98 mm to 1.08 mm
(0.039 in. to 0.043 in.)
0.50 mm × 0.50 mm
(0.020 in. × 0.020 in.)
0.707 mm
(0.028 in.)
1.05 mm to 1.15 mm
(0.041 in. to 0.045 in.)


同様の部品番号 - HLMP-HL70

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HL62-TX0DD AVAGO-HLMP-HL62-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HL63-TX0DD AVAGO-HLMP-HL63-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
More results

同様の説明 - HLMP-HL70

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com