データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-HB74 データシート(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-HB74
部品情報  Well defined spatial radiation pattern
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB74 データシート(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HB74 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB74 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Avago Technologies
- 9 -
HLMP-HG74/75, HLMP-HM74/75, HLMP-HB74/75
Data Sheet
Intensity Bin Limit Table (1.2: 1 lv Bin Ratio)
Intensity Bin Limit Table (1.2: 1 lv Bin
Ratio)
Tolerance for each bin limit is ± 15 %.
VF Bin Table (V at 20mA)
NOTE
Tolerance for each bin limit is ±0.05V.
VF binning only applicable to Red color.
Red Color Range
Tolerance for each bin limit is ± 0.5 nm.
Green Color Bin Table
Tolerance for each bin limit is ± 0.5 nm.
Blue Color Bin Table
Tolerance for each bin limit is ± 0.5 nm.
NOTE
All bin categories are established for
classification of products. Products may not
be available in all bin categories. Please
contact your Avago representative for further
information.
Bin
Intensity (mcd) at 20 mA
Min
Max
U
960
1150
V
1150
1380
W
1380
1660
X
1660
1990
Y
1990
2400
Z
2400
2900
1
2900
3500
2
3500
4200
3
4200
5040
4
5040
6050
Bin ID
Min
Max
VD
1.8
2.0
VA
2.0
2.2
VB
2.2
2.4
Min Dom Max Dom
618.0
630.0
x
0.6872
0.6690
0.6890
0.7080
y
0.3126
0.3149
0.2943
0.2920
Bin
Min
Dom
Max
Dom
Chromaticity Coordinate
2
523
527
x
0.0979
0.1450
0.1711
0.1305
y
0.8316
0.7319
0.7218
0.8189
3
527
531
x
0.1305
0.1711
0.1967
0.1625
y
0.8189
0.7218
0.7077
0.8012
4
531
535
x
0.1625
0.1967
0.2210
0.1929
y
0.8012
0.7077
0.6920
0.7816
Bin
Min
Dom
Max
Dom
Chromaticity Coordinate
2
464
468
x
0.1374
0.1766
0.1699
0.1291
y
0.0374
0.0966
0.1062
0.0495
3
468
472
x
0.1291
0.1699
0.1616
0.1187
y
0.0495
0.1062
0.1209
0.0671
4
472
476
x
0.1187
0.1616
0.1517
0.1063
y
0.0671
0.1209
0.1423
0.0945


同様の部品番号 - HLMP-HB74

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB70 AVAGO-HLMP-HB70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB70-TVBDD AVAGO-HLMP-HB70-TVBDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB70-TVCDD AVAGO-HLMP-HB70-TVCDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB71 AVAGO-HLMP-HB71 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB71-TVBDD AVAGO-HLMP-HB71-TVBDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
More results

同様の説明 - HLMP-HB74

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
logo
Taoglas antenna solutio...
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com