データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS16M データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BAS16M
部品情報  Surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS16M データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAS16M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS16M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS16M Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface mount switching diode
BAS16M
N012
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Typ
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
75
-
-
V
IR= 100μA
Forward Voltage
VFM
-
-
0.715
0.855
1.0
1.25
V
IF=1mA
IF=10mA
IF=50mA
IF=150mA
Reverse Leakage Current
IR
-
-
1.0
μA
VR=70V
Junction Capacitance
Cj
-
-
2
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
-
-
4
ns
IF=IR=10mA,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


同様の部品番号 - BAS16M

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
BAS16M BILIN-BAS16M Datasheet
173Kb / 3P
   Surface mount switching diode
logo
ON Semiconductor
BAS16M3T5G ONSEMI-BAS16M3T5G Datasheet
90Kb / 4P
   Switching Diode
August, 2011 ??Rev. 2
BAS16M3T5G ONSEMI-BAS16M3T5G Datasheet
92Kb / 4P
   Switching Diode
May, 2013 ??Rev. 4
BAS16M3T5G ONSEMI-BAS16M3T5G_13 Datasheet
92Kb / 4P
   Switching Diode
May, 2013 ??Rev. 4
logo
Galaxy Semi-Conductor H...
BAS16M BILIN-BAS16M_17 Datasheet
173Kb / 3P
   Surface mount switching diode
More results

同様の説明 - BAS16M

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com