データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC4060PWT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC4060PWT
部品情報  12-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4060PWT データシート(HTML) 4 Page - Texas Instruments

  SN74HC4060PWT Datasheet HTML 1Page - Texas Instruments SN74HC4060PWT Datasheet HTML 2Page - Texas Instruments SN74HC4060PWT Datasheet HTML 3Page - Texas Instruments SN74HC4060PWT Datasheet HTML 4Page - Texas Instruments SN74HC4060PWT Datasheet HTML 5Page - Texas Instruments SN74HC4060PWT Datasheet HTML 6Page - Texas Instruments SN74HC4060PWT Datasheet HTML 7Page - Texas Instruments SN74HC4060PWT Datasheet HTML 8Page - Texas Instruments SN74HC4060PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54HC4060, SN74HC4060
14STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SCLS161D − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC4060
SN74HC4060
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5.5
3.7
4.3
fclock
Clock frequency
4.5 V
28
19
22
MHz
fclock
Clock frequency
6 V
33
22
25
MHz
2 V
90
135
115
CLKI high or low
4.5 V
18
27
23
tw
Pulse duration
CLKI high or low
6 V
15
23
20
ns
tw
Pulse duration
2 V
90
135
115
ns
CLR high
4.5 V
18
27
23
CLR high
6 V
15
23
20
2 V
160
240
200
tsu
Setup time, CLR inactive before CLKI
4.5 V
32
48
40
ns
tsu
Setup time, CLR inactive before CLKI
6 V
27
41
34
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC4060
SN74HC4060
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5.5
10
3.7
4.3
fmax
4.5 V
28
45
19
22
MHz
fmax
6 V
33
53
22
25
MHz
2 V
240
490
735
615
tpd
CLKI
QD
4.5 V
58
98
147
123
ns
tpd
CLKI
QD
6 V
42
83
125
105
ns
2 V
66
140
210
175
tPHL
CLR
Any Q
4.5 V
18
28
42
35
ns
tPHL
CLR
Any Q
6 V
14
24
36
30
ns
2 V
28
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
30
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
88
pF


同様の部品番号 - SN74HC4060PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC4060PWT TI-SN74HC4060PWT Datasheet
705Kb / 23P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN74HC4060PWT TI1-SN74HC4060PWT Datasheet
1Mb / 20P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN74HC4060PWTE4 TI-SN74HC4060PWTE4 Datasheet
705Kb / 23P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
More results

同様の説明 - SN74HC4060PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC4060-Q1 TI1-SN74HC4060-Q1 Datasheet
549Kb / 13P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060 Datasheet
176Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Texas Instruments
SN54HC4061 TI-SN54HC4061 Datasheet
113Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 14-STAGE BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060 Datasheet
111Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060_06 Datasheet
705Kb / 23P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI1-SN54HC4060_15 Datasheet
1Mb / 20P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Panasonic Semiconductor
MN4040B PANASONIC-MN4040B Datasheet
82Kb / 3P
   12 STAGE BINARY COUNTERS
logo
Texas Instruments
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040_07 Datasheet
752Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com