データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250PFA データシート(PDF) 4 Page - Advantech Co., Ltd.

部品番号 4250PFA
部品情報  42 All-in-One Digital Signage Station
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

4250PFA データシート(HTML) 4 Page - Advantech Co., Ltd.

  4250PFA Datasheet HTML 1Page - Advantech Co., Ltd. 4250PFA Datasheet HTML 2Page - Advantech Co., Ltd. 4250PFA Datasheet HTML 3Page - Advantech Co., Ltd. 4250PFA Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
DSS-4270PFA-W07E
DSS-4250PFA-W07E
Ordering information
P/N
Description
DSS-4250GFA-N07E
42" all in one stand alone system with AR Glass, Intel
Core 2 Duo 2.16G CPU, 1G RAM, 160G HDD, XP Pro
DSS-4250PFA-N07E
42" all in one stand alone system with touch, Intel Core 2
Duo 2.16G CPU, 1G RAM, 160G HDD, XP Pro
DSS-4270GFA-N07E
42" kiosk with AR glasss, Intel Core 2 Duo 2.53G CPU, 4G
RAM, 160G HDD, XP Pro, 10 watt speaker
DSS-4270PFA-N07E
42" kiosk with touch, Intel Core 2 Duo 2.53G CPU, 4G
RAM, 160G HDD, XP Pro, 10 watt speaker
Optional Interactive & Wireless Modules
Optional Modules
P/N
Optional Modules
P/N
Blue Tooth Module
9680004551
HSDAP Module
968EMC0005
RFID Module
9680011496
Proximity Sensor
1600002104
WiFi Module
968EMW0007
Thermal Printer
ODM
Web Camera
9680007111
Vandal Proof AR
Glass
Optional
DSS Station Speaker
Extender Speaker
2 (10 watt)
DSS Station I/O
USB
2
LAN
1
Power Button
1
Power AC In
1
Power
Power Consumption
360 Watt
Power Source
AC 100~24-V, Universal +-10%
Environment
Operating Temperature
0 ~ 45° C
Storage Temperature
-10 ~ 60° C
Relative humidity
85%RH
Shock
10G peak acceleration (11ms duration)
Dimension (L x H x D)
DSS-4250
651.2 x 1171.2 x 139.5 mm
DSS-4270
734.49 x 2002.5 x 140.67 mm
Weight
DSS-4250
50 KGS
DSS-4270
85 KGS
Certification
Safety
CE/FCC
Specifications
820
141
734.9
651.20
139.50
76.00
651.20
DSS-4270PFA/4250PFA


同様の部品番号 - 4250PFA

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
   Industrial Rubber Light
logo
Renesas Technology Corp
4250 RENESAS-4250 Datasheet
704Kb / 59P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
More results

同様の説明 - 4250PFA

メーカー部品番号データシート部品情報
logo
VIA Technologies, Inc.
VTS-8588 VIA-VTS-8588 Datasheet
466Kb / 2P
   All-in-One Digital Signage Kits
VTS-8589 VIA-VTS-8589 Datasheet
511Kb / 2P
   All-in One Digital Signage Kits
logo
Aven, Inc.
26700-220-MNT AVEN-26700-220-MNT Datasheet
1Mb / 2P
   All-In-One Digital Microscope
logo
Advantech Co., Ltd.
DSD-3042 ADVANTECH-DSD-3042_14 Datasheet
440Kb / 2P
   42" F-HD Digital Signage & Touch Monitor
DSD-3042 ADVANTECH-DSD-3042_V01 Datasheet
640Kb / 2P
   42 F-HD Digital Signage & Touch Monitor
18-Sep-2018
DSD-3042 ADVANTECH-DSD-3042 Datasheet
222Kb / 2P
   42" FHD Industrial Digital Signage Monitor & Touch Screen
logo
Aven, Inc.
26700-220-479 AVEN-26700-220-479 Datasheet
1Mb / 2P
   Mighty Scope ClearVue All-In-One Digital Microscope
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
   All-in-One GNSS
Q30 ETC2-Q30 Datasheet
95Kb / 1P
   Digital Signage Product
logo
DFI Inc
OPS100-SH DFI-OPS100-SH Datasheet
570Kb / 3P
   Digital Signage Computer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com