データシートサーチシステム |
|
BY127MGP データシート(PDF) 2 Page - Vishay Siliconix |
|
BY127MGP データシート(HTML) 2 Page - Vishay Siliconix |
2 / 4 page www.vishay.com For technical questions within your region, please contact one of the following: Document Number: 88897 2 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com Revision: 20-Jan-11 BY127MGP Vishay General Semiconductor Note (1) Pulse test: 300 μs pulse width, 1 % duty cycle Note (1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, P.C.B. mounted Note (1) AEC-Q101 qualified RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Forward Current Derating Curve Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL BY127MGP UNIT Maximum instantaneous forward voltage IF = 5.0 A VF (1) 1.5 V Maximum reverse current VR = 1250 V TA = 25 °C IR 5.0 μA Typical reverse recovery time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A trr 2.0 μs Typical junction capacitance 4.0 V, 1 MHz CJ 15 pF THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL BY127MGP UNIT Typical thermal resistance RJA (1) 45 °C/W RJL (1) 20 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE BY127MGP-E3/54 0.425 54 4000 13" diameter paper tape and reel BY127MGP-E3/73 0.425 73 2000 Ammo pack packaging BY127MGPHE3/54 (1) 0.425 54 4000 13" diameter paper tape and reel BY127MGPHE3/73 (1) 0.425 73 2000 Ammo pack packaging 25 50 75 100 125 150 175 0 0.5 1.0 1.5 2.0 2.5 3.0 Ambient Temperature (°C) Single Phase Half Wave 50 Hz Resistive or Inductive Load 0.375" (9.5 mm) Lead Length 1 10 100 10 20 30 40 60 Number of Cycles at 60 Hz 8.3 ms Single Half Sine-Wave (JEDEC Method) 50 |
同様の部品番号 - BY127MGP |
|
同様の説明 - BY127MGP |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |