データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP04AB220S09W データシート(PDF) 3 Page - Toppower Electronic Technology Limited

部品番号 TP04AB220S09W
部品情報  3W,4W 3KVAC Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPPOWER [Toppower Electronic Technology Limited]
ホームページ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP04AB220S09W データシート(HTML) 3 Page - Toppower Electronic Technology Limited

  TP04AB220S09W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP04AB220S09W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP04AB220S09W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03(04)AB Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 /3
RATING GR
Notes
1. Fuse
:1A/250V
2. Ripple and noise are measured in the case of a bandwidth of 20MHz
,Use a 300mm twisted pair,While the terminals are connected in parallel with
a 0.47uF high frequency ceramic capacitor and a 47uF electrolytic capacitor.
MECHANICAL DIMENSIONS
PIN CONNECTION
DIP
PPPPackage
ackage
ackage
ackage
PIN
Single output
1
NC
2
+Vo
3
-Vo
4
NC
5
L
6
N
7
NC
SELECTION GUIDE
Units: mm
Tolerance:±0.2mm
TP 03
A
B 220 S
05 W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name


同様の部品番号 - TP04AB220S09W

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP04AB220S09W TOPPOWER-TP04AB220S09W Datasheet
547Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
More results

同様の説明 - TP04AB220S09W

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TP03AB TOPPOWER-TP03AB Datasheet
547Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP04AC TOPPOWER-TP04AC Datasheet
712Kb / 3P
   4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com