データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54-790-019 データシート(PDF) 1 Page - API Technologies Corp

部品番号 54-790-019
部品情報  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APITECH [API Technologies Corp]
ホームページ  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-790-019 データシート(HTML) 1 Page - API Technologies Corp

  54-790-019 Datasheet HTML 1Page - API Technologies Corp 54-790-019 Datasheet HTML 2Page - API Technologies Corp 54-790-019 Datasheet HTML 3Page - API Technologies Corp 54-790-019 Datasheet HTML 4Page - API Technologies Corp 54-790-019 Datasheet HTML 5Page - API Technologies Corp 54-790-019 Datasheet HTML 6Page - API Technologies Corp 54-790-019 Datasheet HTML 7Page - API Technologies Corp 54-790-019 Datasheet HTML 8Page - API Technologies Corp 54-790-019 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
These filters are easily mounted in a tapped hole or
through-hole with supplied nut and lock-washer. The
rugged case with resin seals at both ends provides
excellent environmental protection. Primarily used
in filtering signal/data lines and DC power lines.
Features
s
Wide range of sizes: 4-40 thread through
5/16-24 thread
s
Voltage ratings to 500 VDC/220 VAC (400 Hz)
s
MIL-F-15733 QPL filters available
s
Multiple circuit configurations: C, L and Pi
s
Metric threaded filters available, consult factory
4-40 C Circuit
Resin Sealed Bolt-in Filters
.510 ± .031
(13.0 ± .79)
.310 ± .031
(7.87 ± .79)
.120
(3.05)
.220
(5.59)
.156 Hex.
(3.96)
ø .025 ± .005
(.64 ± .13)
#4–40 Unc–2A Thd.
F
.368 ± .031
(9.347 ± .79)
.275 ± .031
(6.99 ± .79)
.120
(3.05)
.050
(1.27)
.220
(5.59)
#4–40 Unc–2A Thd.
ø .032 ± .005
(.810 ± .13)
.156 Hex.
(3.96)
F
.360 ± .031
(9.144 ± .79)
.240 ± .031
(6.10 ± .79)
.120
(3.05)
.220
(5.59)
ø A ± .005
(± .13)
.156 Hex.
(3.96)
#4–40 Unc–2A Thd.
F
.315 ± .031
(8.00 ± 0.79)
.225 ± .031
(5.72 ± 0.79)
.075
(1.91)
ø .032
(ø 0.81)
.140
(3.56)
#4–40 Unc–2A Thd.
.125 Hex.
(3.18)
F
Dimensions in inches
(mm)
Figure 1
Figure 2
Figure 3
Figure 4
LP12


同様の部品番号 - 54-790-019

メーカー部品番号データシート部品情報
logo
API Technologies Corp
54-790-019 APITECH-54-790-019 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

同様の説明 - 54-790-019

メーカー部品番号データシート部品情報
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com