データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3889 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 1N3889
部品情報  Fast Recovery Diodes (Stud Version), 6 A, 12 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3889 データシート(HTML) 2 Page - Vishay Siliconix

  1N3889 Datasheet HTML 1Page - Vishay Siliconix 1N3889 Datasheet HTML 2Page - Vishay Siliconix 1N3889 Datasheet HTML 3Page - Vishay Siliconix 1N3889 Datasheet HTML 4Page - Vishay Siliconix 1N3889 Datasheet HTML 5Page - Vishay Siliconix 1N3889 Datasheet HTML 6Page - Vishay Siliconix 1N3889 Datasheet HTML 7Page - Vishay Siliconix 1N3889 Datasheet HTML 8Page - Vishay Siliconix 1N3889 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-1N3879(R), VS-1N3889(R) Series
www.vishay.com
Vishay Semiconductors
Revision: 28-May-15
2
Document Number: 93144
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Note
(1) JEDEC® registered values
Note
(1) JEDEC® registered values
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK AND
OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE
PEAK VOLTAGE
V
IRRM MAXIMUM
AT TJ = 25 °C
μA
IRRM MAXIMUM
AT TJ = 100 °C
mA
IRRM MAXIMUM
AT TJ = 150 °C
mA
1N3879(R)
-
50
75
15 (1)
1.0 (1)
3.0 (1)
1N3880(R)
100
150
1N3881(R)
200
250
1N3882(R)
300
350
1N3883(R)
400
450
1N3889(R)
-
50
75
25 (1)
3.0 (1)
5.0 (1)
1N3890(R)
100
150
1N3891(R)
200
250
1N3892(R)
300
350
1N3893(R)
400
450
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
1N3879(R)
TO 1N3883(R)
1N3889(R)
TO 1N3893(R)
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
DC
6 (1)
12 (1)
A
100
100
°C
Maximum RMS current
IF(RMS)
9.5
19
A
Maximum peak, one-cycle
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial
TJ = 150 °C
85
170
t = 8.3 ms
90
180
t = 10 ms
100 % VRRM
reapplied
72
145
t = 8.3 ms
75 (1)
150 (1)
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
36
145
A2s
t = 8.3 ms
33
130
t = 10 ms
100 % VRRM
reapplied
26
103
t = 8.3 ms
23
94
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
363
1452
A2
s
Maximum forward voltage drop
VFM
TJ = 25 °C; IF = Rated IF(AV) (DC)
1.4 (1)
1.4 (1)
V
TC = 100 °C; IFM =  x rated IF(AV)
1.5 (1)
1.5 (1)


同様の部品番号 - 1N3889

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N3889 MICROSEMI-1N3889 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3889 MICROSEMI-1N3889 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
1N3889 GENESIC-1N3889 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

同様の説明 - 1N3889

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
1N3879 VISHAY-1N3879_12 Datasheet
2Mb / 13P
   Fast Recovery Diodes (Stud Version), 6/12/16 A
Revision: 26-Sep-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com