データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV030 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 MTV030
部品情報  On-Screen Display with Auto-Sizing Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MTV030 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  MTV030 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
3.0 FUNCTIONAL DESCRIPTIONS
3.1 SERIAL DATA INTERFACE
The serial data interface receives data transmitted from an external controller. And there are 2 types of bus
can be accessed through the serial data interface, one is SPI bus and other is I2C bus.
3.1.1 SPI bus
While SSB pin is pulled to "high" or "low" level, the SPI bus operation is selected. And a valid transmission
should be starting from pulling SSB to "low" level, enabling MTV030 to receiving mode, and retain "low" level
until the last cycle for a complete data packet transfer. The protocol is shown in Figure 1.
There are three transmission formats shown as below:
Format (a) R - C - D
→ R - C - D → R - C - D .....
Format (b) R - C - D
→ C - D → C - D → C - D .....
Format (c) R - C - D
→ D → D → D → D → D .....
Where R=Row address, C=Column address, D=Display data
3.1.2 I2C bus
I2C bus operation is only selected when SSB pin is left floating. And a valid transmission should be starting
from writing the slave address 7AH(write mode), or 7BH(read mode) to MTV030. The protocol is shown in
Figure 2. And the auto sizing video measurement data (total 10 bytes) are read only registers and the others
are write only registers.
There are three transmission formats for I2C write mode shown as below:
Format (a) S - R - C - D
→ R - C - D → R - C - D .....
Format (b) S - R - C - D
→ C - D → C - D → C - D .....
Format (c) S - R - C - D
→ D → D → D → D → D .....
Where S=Slave address, R=Row address, C=Column address, D=Display data
And there is one transmission format for I2C read mode shown as below:
Format (a) S
→ D → D → D → D → D → D → D → D → D → D → dummy D → dummy D .....
Where S=Slave address, D=Measurement data
MSB
LSB
SSB
SCK
SDA
first byte
last byte
FIGURE 1. Data Transmission Protocol (SPI)
FIGURE 2. Data Transmission Protocol (I2C)
SCK
SDA
first byte
    
 
START
ACK
second byte
last byte
ACK
STOP
B7
B6
B0
B7
B0


同様の部品番号 - MTV030

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV038N ETC1-MTV038N Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV038N20 ETC1-MTV038N20 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
More results

同様の説明 - MTV030

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com