データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV030 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 MTV030
部品情報  On-Screen Display with Auto-Sizing Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MTV030 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV030 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV030 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
1/21
MTV030 Revision 1.0 10/15/1999
MTV030
MYSON
TECHNOLOGY
FEATURES
GENERAL DESCRIPTION
BLOCK DIAGRAM
• Horizontal SYNC input up to 150 KHz.
• On-chip PLL circuitry up to 150 MHz.
• Minimum timing measurement among HFLB, VFLB, RIN,
GIN and BIN for auto sizing.
• Full screen self-test pattern generator.
• Programmable Hor. resolutions up to 1524 dots per line.
• Full-screen display consists of 15 (rows) by 30 (columns)
• Two font size 12x16 or 12x18 dot matrix per character.
• True totally 512 mask ROM fonts including 496 standard
fonts and 16 multi-color fonts.
• Double character height and/or width control.
• Programmable positioning for display screen center.
• Character bordering, shadowing and blinking effect.
• Programmable character height (18 to 71 lines) control.
• Row to row spacing control to avoid expansion distortion.
• 4 programmable windows with multi-level operation.
• Shadowing on windows with programmable shadow
width/height/color.
• Programmable adaptive approach to handle H, V sync
collision automatically by hardware.
• Software clears bit for full-screen erasing.
• Fade-in/fade-out or blending-in/blending-out effects.
• 5-channel/8-bit PWM D/A converter output.
• Compatible with SPI bus or I2C interface with slave
address 7AH/7BH (slave address is mask option).
• 16-pin, 20-pin or 24-pin PDIP package.
On-Screen Display with Auto-Sizing Controller
MTV030 is designed for monitor applications to display
built-in characters or fonts onto monitor screens. The dis-
play operation occurs by transferring data and control infor-
mation from the micro-controller to RAM through a serial
data interface. It can execute full-screen display automati-
cally, as well as specific functions such as character back-
ground, bordering, shadowing, blinking, double height and
width, font by font color control, frame positioning, frame
size control by character height and row-to-row spacing,
horizontal display resolution, full-screen erasing, fade-in/
fade-out effect, windowing effect, shadowing on window
and full-screen self-test pattern generator.
MTV030 provides true 512 fonts including 496 standard
fonts and 16 multi-color fonts and 2 font sizes, 12x16 or
12x18 for more efficacious applications. So each one of the
512 fonts can be displayed at the same time. The full OSD
menu is formed by 15 rows x 30 columns, which can be
positioned anywhere on the monitor screen by changing
vertical or horizontal delay.
The auto sizing video measurement module measure
the timing relationship among HFLB, VFLB, and R, G, BIN
at the speed related to the OSD resolution. MCU can get
the measurement data, active video, front porth and back
porth, through I2C bus read/write operation to keep the
appropriate display size and center.
SERIAL DATA
INTERFACE
ADDRESS BUS
ADMINISTRATOR
VERTICAL
DISPLAY
CONTROL
DISPLAY & ROW
CONTROL
REGISTERS
COLOUR
ENCODER
WINDOWS &
FRAME
CONTROL
LUMAR
LUMAG
LUMAB
BLINK
VCLKX
DATA
VERTD
HORD
CH
8
8
7
BSEN
SHADOW
OSDENB
HSP
VSP
HORIZONTAL
DISPLAY CONTROL
PHASE LOCK LOOP
8
DATA
LPN
CWS
VCLKS
5
DATA
CWS
CHS
8
LUMAR
LUMAG
LUMAB
BLINK
CRADDR
8
LUMA
BORDER
ARWDB
HDREN
VCLKX
HORD 8
CH
CHS
VERTD
7
8
LPN
NROW
VDREN
5
RCADDR
DADDR
FONTADDR
WINADDR
PWMADDR
5
9
9
5
5
ARWDB
HDREN
VDREN
NROW
DATA
ROW, COL
ACK
8
9
CHARACTER ROM
LUMINANCE &
BORDGER
GENERATOR
VDD
VSS
VDDA
VSSA
ROUT
GOUT
BOUT
FBKG
HTONE
HFLB
RP
VCO
VFLB
SSB
SCK
SDA
VSP
HSP
PWM D/A
CONVERTER
PWM0
PWM1
PWM2
PWM3
PWM4
8
DATA
8
POWER ON RESET
PRB
AUTO SIZING
MEASUREMENT
RIN
GIN
BIN
DATA
8


同様の部品番号 - MTV030

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV038N ETC1-MTV038N Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV038N20 ETC1-MTV038N20 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
More results

同様の説明 - MTV030

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com