データシートサーチシステム |
|
7448051804 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
7448051804 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 5 page 1.2 1.1 1.0 REV 2015-02-16 2014-05-13 2014-03-17 DATE SSt SSt SSt BY HasA SSt HasA CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WE-CMBNC Common Mode Power Line Choke Nanocrystalline Order.- No. 7448051804 SIZE A4 Size: Type XL A Dimensions: [mm] B Recommended hole pattern: [mm] C Schematic: D Electrical Properties: Properties Inductance Rated current DC Resistance Rated voltage Insulation test voltage Test conditions 10 kHz/ 0.1 mA @ 70°C @ 20°C 50 Hz 50 Hz/ 5 mA/ 2 sec. L IR RDC UR UT Value 2x 4.5 18.0 2x 4.2 250 1500 Unit mH A mΩ V (AC) V (AC) Tol. +50%/-30% max. max. max. E General information: It is recommended that the temperature of the part does not exceed +125°C under worst case conditions. •Storage Temperature: -20°C to 60°C •Operating Temperature: -40°C to 125°C •Temperature Rise: < 55K •Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
同様の部品番号 - 7448051804 |
|
同様の説明 - 7448051804 |