データシートサーチシステム |
|
1N4148WFL-G データシート(PDF) 1 Page - Vishay Siliconix |
|
1N4148WFL-G データシート(HTML) 1 Page - Vishay Siliconix |
1 / 5 page 1N4148WFL-G www.vishay.com Vishay Semiconductors Rev. 1.0., 24-Oct-13 1 Document Number: 85887 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Fast Switching Diode MECHANICAL DATA Case: SOD-123 FL Weight: approx. 9.1 mg Packaging codes/options: 08/3K per 7 " reel (8 mm tape), 18K/box FEATURES • Silicon epitaxial planar diode • Fast switching diode • Base P/N-G3 - green, commercial grade • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 Note (1) Device mounted on FR-4 PCB, landing pad according to footprint recommendation in datasheet drawing PARTS TABLE PART ORDERING CODE TYPE MARKING INTERNAL CONSTRUCTION REMARKS 1N4148WFL-G 1N4148WFL-G3-08 AH Single diode Tape and reel ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Reverse voltage VR 75 V Repetitive peak reverse voltage VRRM 100 V Average rectified current half wave rectification with resistive load (1) f 50 Hz IF(AV) 150 mA Surge forward current t < 1 s and Tj = 25 °C IFSM 500 mA Power dissipation (1) Ptot 350 mW THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Thermal resistance junction to ambient air (1) RthJA 357 K/W Junction temperature Tj 150 °C Storage temperature Tstg - 65 to + 150 Operating temperature range Top - 55 to + 125 |
同様の部品番号 - 1N4148WFL-G |
|
同様の説明 - 1N4148WFL-G |