データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA24C1024LMWF データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 SA24C1024LMWF
部品情報  1024Kb EEPROM IIC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SA24C1024LMWF データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SA24C1024LMWF Datasheet HTML 6Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 7Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 8Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 9Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 10Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 11Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 12Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 13Page - List of Unclassifed Manufacturers SA24C1024LMWF Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SA24C1024 Datasheet
SAIFUN
10
100 kHz
400 kHz
1.7 MHz
3.4 MHz
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
tRCL1
SCL Rise Time
(after repeated
START or after
ACK bit)
N/A
N/A
N/A
20
160
10
80
ns
tSU:DAT
Data In Setup Time
250
100
20
20
ns
tHD:DAT
Data In Hold Time
0
0
0
0
ns
tDH
Data Out Hold Time
200
100
0
0
ns
TI
Noise Suppression
Time Constant at
SCL, SDA Inputs
(minimum VIN pulse
width)
50
50
10
10
ns
tAA
SCL Low to SDA
Data Out Valid
300
1
3500
100
1
900
0
170
0
85
ns
tBUF
Time the Bus Must
Be Free Before a
New Transmission
Can Start
4700
1300
320
160
ns
tWR
Write Cycle Time
10
10
10
10
ms
Endurance
1 Million
2
Cycles
1 The minimum value is defined in order to bridge the undefined part between VIH and VIL of the falling edge of SCL. The standard
value is 0 ns.
2 This parameter is not tested but ensured by characterization.
Bus Timing
Figure 6. Bus Timing


同様の部品番号 - SA24C1024LMWF

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SA24C PANJIT-SA24C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA24C YANGJIE-SA24C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA24C WTE-SA24C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SA24C ANOVA-SA24C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Micro Commercial Compon...
SA24C MCC-SA24C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

同様の説明 - SA24C1024LMWF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
   Encoder // Decoder IIC?쇺?s
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
   9V Duall H--Briidge Mottor Driiver IIC
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
logo
Asahi Kasei Microsystem...
AP1012 AKM-AP1012 Datasheet
282Kb / 5P
   18V Duall H-Briidge Motor Driiver IIC
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
   USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
PHOENIX CONTACT
2865298 PHOENIX-2865298 Datasheet
301Kb / 12P
   Ex-i solenoid driver for Group IIC gases, loop-powered, pluggable
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com