データシートサーチシステム |
|
SA24C1024LEMFF データシート(PDF) 8 Page - List of Unclassifed Manufacturers |
|
SA24C1024LEMFF データシート(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 27 page SA24C1024 Datasheet SAIFUN 8 VCC (2.7 V to 3.6 V) DC Electrical Characteristics Limits Symbol Parameter Test Conditions Min Typ (Notes) Max Units fSCL = 100 kHz (Read) 2 3 mA fSCL = 100 kHz (Write) 8 11 mA fSCL = 400 KHZ (Read) 2 3 mA fSCL = 400 kHz (Write) 8 11 mA fSCL = 1.7 MHz (Read) 5 7 mA fSCL = 1.7 MHz (Write) 8 11 mA fSCL = 3.4 MHz (Read) 5 7 mA ICCA Active Power Supply Current fSCL = 3.4 MHz (Write) 8 11 mA ISB Standby Current (L) VIN = GND or VCC 0.5 1 µA Standby Current (LZ) VIN = GND or VCC 0.2 0.7 µA= IIL Input Leakage Current VIN = GND to VCC 0.1 1 µA IOL Output Leakage Current VOUT = GND to VCC 0.1 1 µA VIL Input Low Voltage -0.3 VCC x 0.3 V VIH Input High Voltage VCC * 0.7 VCC + 0.5 V VOL Output Low Voltage IOL = 3 mA 0.4 V Notes: (1) Typical values are TA = +25 °C and nominal supply voltage of 3 V. (2) Write frequency is 50 Hz. Capacitance TA = +25 °C, f = 100/400 kHz/1.7 MHz/3.4 MHz, VCC = 3V (see note 2) Symbol Test Conditions Max Units CI/O Input/Output Capacitance (SDA) VI/O = 0 V 8 pF CIN Input Capacitance (A0, A1, A2, SCL) VIN = 0 V 6 pF Notes: (1) This parameter is periodically sampled and not 100% tested. (2) Typical values are TA = +25 °C and nominal supply voltage of 3 V. |
同様の部品番号 - SA24C1024LEMFF |
|
同様の説明 - SA24C1024LEMFF |