データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPAM05S-090060 データシート(PDF) 2 Page - Total Power International

部品番号 TPAM05S-090060
部品情報  ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM05S-090060 データシート(HTML) 2 Page - Total Power International

  TPAM05S-090060 Datasheet HTML 1Page - Total Power International TPAM05S-090060 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 107.0g (3.77 Oz.)
DERATING CHART
SINGLE OUTPUT
VO1 @ ★
MODEL NO.
TYP.
VOLT. PEAK
TPAM05S-033130
1.30A
3.3V
1.59A
TPAM05S-050100
1.00A
5.0V
1.20A
TPAM05S-090060
0.60A
9.0V
0.72A
TPAM05S-120045
0.45A
12.0V
0.54A
TPAM05S-150036
0.36A
15.0V
0.43A
TPAM05S-180030
0.30A
18.0V
0.36A
TPAM05S-240022
0.22A
24.0V
0.26A
DUAL OUTPUT
+VO1 @ ★
-VO2 ║
MODEL NO.
TYP.
VOLT.
MAX.
TYP.
VOLT. MAX.
TPAM05D-033064
0.64A
+3.3V
0.73A
0.64A
-3.3V
0.73A
TPAM05D-050050
0.50A
+5.0V
0.57A
0.50A
-5.0V
0.57A
TPAM05D-090030
0.30A
+9.0V
0.34A
0.30A
-9.0V
0.34A
TPAM05D-120022
0.22A
+12.0V
0.25A
0.22A
-12.0V
0.25A
TPAM05D-150018
0.18A
+15.0V
0.20A
0.18A
-15.0V
0.20A
Symbols: "★" OVP built-in.
"@" Adjustable.
"
" Double Feedback.
Note: (1) Max. (maximum load) is the continuous operating load of each rail,
but the max. load of each rail can not be drawn from all outputs at the same time.
(2) Peak output, less than 60 Sec. with duty cycle <10%.
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN #1. AC-GROUND
AC-GROUND
PIN #2. AC-NEUTRAL AC-NEUTRAL
PIN #3. AC-LINE
AC-LINE
PIN #4. +VO1
+VO1
PIN #5. NO PIN
DC-COM
PIN #6. DC-COM
-VO2
CASE SIZE: AM01


同様の部品番号 - TPAM05S-090060

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPAM05S-090060 TOTAL-POWER-TPAM05S-090060 Datasheet
323Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 5-WATTS SINGLE AND DUAL OUTPUT TPAM05S AND TPAM05D SERIES
More results

同様の説明 - TPAM05S-090060

メーカー部品番号データシート部品情報
logo
HITRON ELECTRONICS CORP...
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
logo
Total Power Internation...
TPAM50S TOTAL-POWER-TPAM50S_17 Datasheet
278Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE
logo
HITRON ELECTRONICS CORP...
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
Total Power Internation...
TPAS50D TOTAL-POWER-TPAS50D_17 Datasheet
366Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com