データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA24C1024LEMFX データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 SA24C1024LEMFX
部品情報  1024Kb EEPROM IIC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SA24C1024LEMFX データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SA24C1024LEMFX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 9Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 10Page - List of Unclassifed Manufacturers SA24C1024LEMFX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SA24C1024 Datasheet
SAIFUN
7
Product Specifications
Absolute Maximum Ratings Operating Conditions
Ambient Storage Temperature
–65
°C to +150 °C
All Input or Output Voltages with
Respect to Ground
4.5 V to -0.3 V
Lead Temperature
(Soldering, 10 seconds)
+300
°C
ESD Rating
2000 V min.
ESD/Latch up Specification (JEDEC 8 Spec)
Human Body Model
Minimum 2 KV
Machine Model
Minimum 500 V
Latch up
100 mA on all pins, +125
°C
Operating Conditions
Ambient Operating Temperature:
•= SA24C1024
•= SA24C1024E
0
°C to +70°C
–40
°C to +85°C
Positive Power Supply:
•= SA24C1024
•= SA24C1024LZ
2.7 V to 3.6 V
2.7 V to 3.6 V


同様の部品番号 - SA24C1024LEMFX

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SA24C PANJIT-SA24C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA24C YANGJIE-SA24C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA24C WTE-SA24C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SA24C ANOVA-SA24C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Micro Commercial Compon...
SA24C MCC-SA24C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

同様の説明 - SA24C1024LEMFX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
   Encoder // Decoder IIC?쇺?s
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
   9V Duall H--Briidge Mottor Driiver IIC
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
logo
Asahi Kasei Microsystem...
AP1012 AKM-AP1012 Datasheet
282Kb / 5P
   18V Duall H-Briidge Motor Driiver IIC
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
   USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
PHOENIX CONTACT
2865298 PHOENIX-2865298 Datasheet
301Kb / 12P
   Ex-i solenoid driver for Group IIC gases, loop-powered, pluggable
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com