データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA24C1024LZEMFX データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SA24C1024LZEMFX
部品情報  1024Kb EEPROM IIC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SA24C1024LZEMFX データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SA24C1024LZEMFX Datasheet HTML 1Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 2Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA24C1024LZEMFX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This Datasheet states Saifun's current technical specifications regarding the Products described herein. This Datasheet
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 1908 Rev: 1 Amendment: 1
Issue Date: 26 August 2003
SA24C1024
Datasheet
Features
•=
Saifun NROM™ NVM Technology
•=
Operating voltage: 2.7V to 3.6V
•=
Clock frequency: 100/400/1700/3400 kHz
•=
Low power consumption
0.5µµµµA standby current typical (L version)
<0.2µµµµA standby current typical (LZ version)
•=
Write Modes
Byte Mode
Page Mode (128 Bytes/Page)
•=
Schmitt trigger inputs
•=
Hardware and software write protection for entire or partial array
•=
Endurance: up to 1 million data changes
•=
Data Retention: Greater than 40 years
•=
Packages: 8-Pin DIP and 8-Pin SOIC and MLF Leadless
•=
Temperature range
Commercial: 0 °C to +70 °C
Industrial (E): -40 °C to +85 °C
1024Kb EEPROM
IIC
http://www.saifun.com
Saifun NROM
TM is a trademark of Saifun Semiconductors Ltd.


同様の部品番号 - SA24C1024LZEMFX

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SA24C PANJIT-SA24C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA24C YANGJIE-SA24C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA24C WTE-SA24C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SA24C ANOVA-SA24C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Micro Commercial Compon...
SA24C MCC-SA24C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

同様の説明 - SA24C1024LZEMFX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
   Encoder // Decoder IIC?쇺?s
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
   9V Duall H--Briidge Mottor Driiver IIC
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
logo
Asahi Kasei Microsystem...
AP1012 AKM-AP1012 Datasheet
282Kb / 5P
   18V Duall H-Briidge Motor Driiver IIC
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
   USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
PHOENIX CONTACT
2865298 PHOENIX-2865298 Datasheet
301Kb / 12P
   Ex-i solenoid driver for Group IIC gases, loop-powered, pluggable
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com