データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5915DC-T1 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI5915DC-T1
部品情報  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5915DC-T1 データシート(HTML) 1 Page - Vishay Siliconix

  SI5915DC-T1 Datasheet HTML 1Page - Vishay Siliconix SI5915DC-T1 Datasheet HTML 2Page - Vishay Siliconix SI5915DC-T1 Datasheet HTML 3Page - Vishay Siliconix SI5915DC-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D
TrenchFETr Power MOSFET
D
Low Thermal Resistance
D
40% Smaller Footprint Than TSOP-6
APPLICATIONS
D
Load Switch or PA Switch for Portable
Devices
Si5915DC
Vishay Siliconix
Document Number: 70693
S-21251—Rev. B, 05-Aug-02
www.vishay.com
2-1
Dual P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
0.070 @ VGS =--4.5 V
--4.6
--8
0.108 @ VGS =--2.5 V
--3.7
0.162 @ VGS =--1.8 V
--3.0
Bottom View
1206-8 ChipFETt
S1
G1
S2
G2
D1
D1
D2
D2
1
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Marking Code
DE XX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5915DC-T1
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
--8
V
Gate-Source Voltage
VGS
8
V
Continuous Drain Current (TJ = 150_C)a
TA =25_C
ID
--4.6
--3.4
Continuous Drain Current (TJ = 150_C)a
TA =85_C
ID
--3.3
--2.5
A
Pulsed Drain Current
IDM
--10
A
Continuous Source Current (Diode Conduction)a
IS
--1.8
--0.9
Maximum Power Dissipationa
TA =25_C
PD
2.1
1.1
W
Maximum Power Dissipationa
TA =85_C
PD
1.1
0.6
W
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_
C
Soldering Recommendations (Peak Temperature)b, c
260
_
C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
M i
J
ti
t A bi ta
t ≤ 5sec
R
50
60
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_
C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
C/
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


同様の部品番号 - SI5915DC-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI5915DC VISHAY-SI5915DC Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI5915DC VISHAY-SI5915DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
More results

同様の説明 - SI5915DC-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com