データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02061-12 データシート(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02061-12
部品情報  3.3 or 5 Volt Laser Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-12 データシート(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02061-12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
M02061-12/-21
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
3
3.3 or 5 Volt Laser Driver
Rev V6
2.5Gbps Electrical Eye Diagram
Conditions: 80mA modulation current, 2^7-1 PRBS
QFN24 Pin Configuration
VCC
DIN+
DIN-
VCC3SEL
FAIL
IPIN
GND0
OUT+
OUT-
SVCC
IBIASOUT
DIS
1
6
712
13
18
19
24
4mm x 4mm
GND, connect to
PCB ground


同様の部品番号 - M02061-12

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02061-12 MA-COM-M02061-12 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
More results

同様の説明 - M02061-12

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com