データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02061-12 データシート(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02061-12
部品情報  3.3 or 5 Volt Laser Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-12 データシート(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02061-12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02061-12/-21
4
3.3 or 5 Volt Laser Driver
Rev V6
1.0 Product Specification
1.1
Absolute Maximum Ratings
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage
-0.4 to +6.0
V
TJ
Junction temperature
-40 to +110 1
°C
VCC3
3.3V power supply voltage
-0.4 to +4.0
V
TA
Operating ambient temperature
-40 to +95 2
°C
TSTG
Storage temperature
-65 to +150
°C
IBIASOUT (MAX)
Maximum bias output current
150
mA
IMOD (MAX)
Maximum modulation current
140
mA
DIN+/-
Data inputs
0 to VCC3 + 0.4
V
DIS, SCB, VCC3SEL
Mode control inputs
-0.4 to VCC + 0.4
V
BIASMON, MODMON
Bias and modulation output current mirror compliance
voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photodiode anode voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photo diode current
2
mA
FAIL
Status flags
-0.4 to VCC + 0.4
V
PWA, APCSET, MODSET
Set inputs
-0.4 to VCC3 + 0.4
V
TCSTART
Temperature compensation start temperature
-0.4 to 1.0
V
TCSLOPE
Temperature compensation slope
-0.4 to VCC3 + 0.4
V
OUT+, OUT-
Output
-0.4 to VCC + 0.4
V
1. QFN package:
Air Velocity
θJA
0 m/s
57 ºC/W
1 m/s
50 ºC/W
2.5 m/s
45 ºC/W
The above thermal resistance is based on a 4-layer JEDEC standard board (76.2 x 114.3 mm).
2. The maximum operating ambient temperature is the lesser of 95 °C or TA TJ(Max) - (θJA (Max) x Q) where Q is the power dissipated
in the M02061.


同様の部品番号 - M02061-12

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02061-12 MA-COM-M02061-12 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
More results

同様の説明 - M02061-12

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com