データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02067G-12 データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02067G-12
部品情報  3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067G-12 データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067G-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02067 -12/-13
7
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
2.0 Pin Description
2.1
Pin Descriptions
Table 2-1.
Pin Descriptions
Pin Number
Pin Name
Function
1
ENA
Bias and modulation output enable (TTL/CMOS). Logic HIGH for normal operation.
2
DIS
Bias and modulation output disable (TTL/CMOS). Logic LOW for normal operation.
3BIASMON
Bias monitor. Connect a resistor between this pin and VCC to monitor bias current. Connect to VCC if not used.
4MODMON
Modulation monitor. Connect a resistor between this pin and VCC to monitor modulation current. Connect to
VCC if not used.
5FAIL
Mean power control failure indicator (TTL/CMOS). Goes LOW when control loop is no longer able to maintain
constant current at PD.
6OCA
Over-current alarm (TTL/CMOS). Goes LOW when IBIAS exceeds the preset bias current limit.
7
GND
Ground.
8
BIAS
Laser bias current output.
9VCC
Power supply.
10
OUT+
Positive modulation current output. Sinks current when DIN is HIGH.
11
OUT-
Negative modulation current output. Sinks current when DIN is HIGH.
12
GNDA
Ground to output stage.
13
PD
Monitor photodiode input. This input is connected to the monitor photodiode anode for automatic power
control.
14
CMPC
Mean power control dominant pole capacitor. Connect to VCC via a capacitor.
15
GND
Ground.
16
TCSLOPE
Connecting a resistor between this pin and ground sets the temperature coefficient of IMODSET.
17
TCSTART
Secondary temperature coefficient of IMOD. A resistor on this pin to ground sets the threshold temperature at
which compensation starts.
18
MODSET
Modulation current set. Connect a resistor between this pin and ground to set.
19
OCASET
Over-current alarm set. Connect a resistor between this pin and ground to set.
20
VCC
Power supply.
21
DIN
Positive data input (PECL). Self biased.


同様の部品番号 - M02067G-12

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02067G-12 MA-COM-M02067G-12 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
More results

同様の説明 - M02067G-12

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com