データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2157F データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TA2157F
部品情報  Digital Servo Head Amp for CD System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2157F データシート(HTML) 1 Page - Toshiba Semiconductor

  TA2157F Datasheet HTML 1Page - Toshiba Semiconductor TA2157F Datasheet HTML 2Page - Toshiba Semiconductor TA2157F Datasheet HTML 3Page - Toshiba Semiconductor TA2157F Datasheet HTML 4Page - Toshiba Semiconductor TA2157F Datasheet HTML 5Page - Toshiba Semiconductor TA2157F Datasheet HTML 6Page - Toshiba Semiconductor TA2157F Datasheet HTML 7Page - Toshiba Semiconductor TA2157F Datasheet HTML 8Page - Toshiba Semiconductor TA2157F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TA2157F/FN
2002-11-21
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA2157F,TA2157FN
Digital Servo Head Amp for CD System
TA2157F/FN is a digital servo head amp for a 3-beam pickup
used in CD systems.
Gain for RF signal generation amp can be freely set, supporting
CD-RW.
Combining with single-chip processor TC94A14F/FA/FB, a
CMOS digital servo, makes configuring CD systems simple.
Features
· Low power dissipation digital servo head amp
· Built-in amplifier for generating reference voltage (VRO)
· Built-in auto laser power control (APC) amplifier
· Built-in RF amplifier
· Built-in RF signal automatic gain control (AGC) amplifier
· Built-in gain change circuit for CD-RW
· Built-in focus error and tracking error signal amplifiers
· Built-in track count signal amplifier
· Normal-, double-, and ×4-speed operation
· 24-pin mini flat package
TA2157F
TA2157FN
Weight
SSOP24-P-300-1.00: 0.3 g (typ.)
SSOP24-P-300-0.65A: 0.17 g (typ.)


同様の部品番号 - TA2157F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
More results

同様の説明 - TA2157F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F_02 Datasheet
206Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com