データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLW.8600 データシート(PDF) 3 Page - Texas Instruments

部品番号 TLW.8600
部品情報  clear, non diffused LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLW.8600 データシート(HTML) 3 Page - Texas Instruments

  TLW.8600 Datasheet HTML 1Page - Texas Instruments TLW.8600 Datasheet HTML 2Page - Texas Instruments TLW.8600 Datasheet HTML 3Page - Texas Instruments TLW.8600 Datasheet HTML 4Page - Texas Instruments TLW.8600 Datasheet HTML 5Page - Texas Instruments TLW.8600 Datasheet HTML 6Page - Texas Instruments TLW.8600 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VISHAY
TLW.8600
Document Number 83168
Rev. A4, 22-Apr-03
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (T
amb = 25 °C unless otherwise specified)
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
Figure 3. Forward Current vs. Pulse Length
0
25
50
75
100
125
150
175
200
0
20406080
100
120
Tamb − Ambient Temperature ( °C)
18018
RthJA=200K/W
0
20
40
60
80
100
0
20406080
100
120
Tamb - Ambient Temperature ( °C)
18019
RthJA=200K/W
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
18020
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tambı 85°C
Red, Yellow
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
for 60 ° emission angle
Figure 5. Percentage Total Luminous Flux vs. Total Included Angle
for 60 ° emission angle
Figure 6. Thermal Resistance Junction Ambient vs. Cathode
Padsize
16006
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
Total Included Angle (Degrees)
16005
160
170
180
190
200
210
220
230
0
50
100
150
200
250
300
Cathode Padsize in mm2
16009
Padsize 8 mm 2
per Anode Pin


同様の部品番号 - TLW.8600

メーカー部品番号データシート部品情報
logo
Samtec, Inc
TLW-106-06-G-S SAMTEC-TLW-106-06-G-S Datasheet
1Mb / 1P
   LOW PROFILE .025" SQ POST HEADERS
logo
Toshiba Semiconductor
TLWA1100 TOSHIBA-TLWA1100 Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLWA1100T11 TOSHIBA-TLWA1100T11 Datasheet
271Kb / 8P
   Panel Circuit Indicator
logo
Vishay Siliconix
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWB7900 VISHAY-TLWB7900 Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
More results

同様の説明 - TLW.8600

メーカー部品番号データシート部品情報
logo
IDEA.lnc.
JRC2351 IDEA-JRC2351 Datasheet
24Kb / 1P
   Blue Clear and Diffused, Water Clear LED
logo
Siemens Semiconductor G...
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
logo
Fairchild Semiconductor
HLMPQ150AGR FAIRCHILD-HLMPQ150AGR Datasheet
524Kb / 6P
   DIFFUSED AND CLEAR LAMPS
logo
Vishay Siliconix
TLCR5800 VISHAY-TLCR5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
logo
Fairchild Semiconductor
HLMP6305AZR FAIRCHILD-HLMP6305AZR Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Vishay Siliconix
TLCY5100 VISHAY-TLCY5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
logo
Fairchild Semiconductor
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com