データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5415EDU データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SI5415EDU
部品情報  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5415EDU データシート(HTML) 5 Page - Vishay Siliconix

  SI5415EDU Datasheet HTML 1Page - Vishay Siliconix SI5415EDU Datasheet HTML 2Page - Vishay Siliconix SI5415EDU Datasheet HTML 3Page - Vishay Siliconix SI5415EDU Datasheet HTML 4Page - Vishay Siliconix SI5415EDU Datasheet HTML 5Page - Vishay Siliconix SI5415EDU Datasheet HTML 6Page - Vishay Siliconix SI5415EDU Datasheet HTML 7Page - Vishay Siliconix SI5415EDU Datasheet HTML 8Page - Vishay Siliconix SI5415EDU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Si5415EDU
www.vishay.com
Vishay Siliconix
S13-0789-Rev. A, 15-Apr-13
5
Document Number: 62837
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Safe Operating Area, Junction-to-Ambient
Current Derating*
Power Derating
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
0.01
0.1
1
10
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
10 s
100 ms
1 s
100
µs
Limited by R
DS(on)*
1 ms
T
A = 25 °C
BVDSS Limited
10 ms
DC
100
0
10
20
30
40
50
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
60
0
5
10
15
20
25
30
35
25
50
75
100
125
150
TC - Case Temperature (°C)


同様の部品番号 - SI5415EDU

メーカー部品番号データシート部品情報
logo
AUK corp
SI5415-H AUK-SI5415-H Datasheet
180Kb / 4P
   IRED
logo
KODENSHI_AUK CORP.
SI5415-H KODENSHI-SI5415-H Datasheet
198Kb / 4P
   Blue Colored transparency lens type
logo
Vishay Siliconix
SI5415AEDU VISHAY-SI5415AEDU Datasheet
173Kb / 9P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 29-Jul-13
More results

同様の説明 - SI5415EDU

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com