データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5442DU データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI5442DU
部品情報  N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5442DU データシート(HTML) 2 Page - Vishay Siliconix

  SI5442DU Datasheet HTML 1Page - Vishay Siliconix SI5442DU Datasheet HTML 2Page - Vishay Siliconix SI5442DU Datasheet HTML 3Page - Vishay Siliconix SI5442DU Datasheet HTML 4Page - Vishay Siliconix SI5442DU Datasheet HTML 5Page - Vishay Siliconix SI5442DU Datasheet HTML 6Page - Vishay Siliconix SI5442DU Datasheet HTML 7Page - Vishay Siliconix SI5442DU Datasheet HTML 8Page - Vishay Siliconix SI5442DU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Vishay Siliconix
Si5442DU
www.vishay.com
2
Document Number: 63233
S13-2149-Rev. B, 14-Oct-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
21
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.4
0.9
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS 4.5 V, ID = 8 A
0.0080
0.0100
VGS 2.5 V, ID = 7 A
0.0090
0.0115
VGS 1.8 V, ID = 4 A
0.0100
0.0135
Forward Transconductancea
gfs
VDS = 10 V, ID = 8 A
65
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1700
pF
Output Capacitance
Coss
280
Reverse Transfer Capacitance
Crss
115
Total Gate Charge
Qg
VDS = 10 V, VGS = 8 V, ID = 15 A
29
45
nC
VDS = 10 V, VGS = 4.5 V, ID = 15 A
16.6
25
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
2
Gate Resistance
Rg
f = 1 MHz
0.28
1.4
2.8
Turn-on Delay Time
td(on)
VDD = 10 V, RL = 1 
ID  10 A, VGEN = 4.5 V, Rg = 1 
10
20
ns
Rise Time
tr
15
30
Turn-Off Delay Time
td(off)
35
70
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1 
ID  10 A, VGEN = 8 V, Rg = 1 
10
20
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
30
60
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
25
A
Pulse Diode Forward Current
ISM
60
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
20
40
ns
Body Diode Reverse Recovery Charge
Qrr
10
20
nC
Reverse Recovery Fall Time
ta
11
ns
Reverse Recovery Rise Time
tb
9


同様の部品番号 - SI5442DU

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI5442DU VISHAY-SI5442DU_V01 Datasheet
174Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI5442DU

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com