データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74456082 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74456082
部品情報  WE-PD4 SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74456082 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74456082_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.4
2.3
2.2
2.1
2.0
REV
2015-05-18
2014-06-24
2014-03-27
2013-05-13
2006-09-27
DATE
SSt
SSt
SSt
SSt
SSt
BY
ALa
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD4 SMD Power Inductor
Order.- No.
74456082
SIZE
A4
Size: Type L
A Dimensions: [mm]
Reference on drawing
Marking
Description
Start of winding
8R2 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 100 mV
∆T = 40 K
|ΔL/L| < 10%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
8.2
3.2
4.2
0.034
0.040
26
Unit
µH
A
A
Ω
Ω
MHz
Tol.
±20%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74456082_15

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74456082 WURTH-74456082 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
More results

同様の説明 - 74456082_15

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74455122 WURTH-74455122_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456147 WURTH-74456147_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456056 WURTH-74456056_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74458115 WURTH-74458115_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74455068 WURTH-74455068_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456222 WURTH-74456222_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74457115 WURTH-74457115_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74458122 WURTH-74458122_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456015 WURTH-74456015_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456022 WURTH-74456022 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com