データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT-HT-310-1012-14 データシート(PDF) 2 Page - Samtec, Inc

部品番号 CAT-HT-310-1012-14
部品情報  Straight Action Hand Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMTEC [Samtec, Inc]
ホームページ  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CAT-HT-310-1012-14 データシート(HTML) 2 Page - Samtec, Inc

  CAT-HT-310-1012-14 Datasheet HTML 1Page - Samtec, Inc CAT-HT-310-1012-14 Datasheet HTML 2Page - Samtec, Inc CAT-HT-310-1012-14 Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Straight Action Hand Tool CAT-HT-310-1012-14
STS-M-310-1012-14
Contact
Number
Wire Size
mm2 [AWG]
Insulation
Diameter
Strip
Length
Crimp
Height
CC10L
CC10R
CC10M
5.26 [10]
4.50 - 4.65
[.177 - .183]
See Application
Tooling
Section of
Samtec
Website
See Application
Tooling
Section of
Samtec
Website
3.31 [12]
3.94 - 4.09
[.155 - .161]
Figure 3
7. Crimp the terminal by squeezing the tool handles until
the ratchet mechanism cycle has been completed. Release
the handles to open the jaws.
8. Push the wire stop lever in to raise the wire stop up and
remove the crimped terminal from the locator by lifting up
and then pulling the wire out.
9. Visually inspect the crimped terminal for proper
crimp location.
Damaged contacts should not be used. If a damaged contact
is evident, it should be cut from the wire and replaced with a
new one.
4. MAINTENANCE AND INSPECTION PROCEDURE
It is recommended that a maintenance and inspection pro-
gram be performed periodically to ensure dependable and
uniform terminations. Frequency of inspection depends on:
• The care, amount of use, and handling of the hand tool,
• The presence of abnormal amounts of dust and dirt,
• Your own established standards.
The hand tool is inspected before being shipped; however,
it is recommended that the tool be inspected immediately
upon its arrival at your facility to ensure that the tool has not
been damaged during shipment.
4.1 DAILY MAINTENANCE
1. Remove dust, moisture, and other contaminants with a
clean brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could damage the
tool.
3. Make certain all pins; pivot points and bearing surfaces
are protected with a thin coat of high quality machine oil.
Do not oil excessively. The tool was engineered for dura-
bility but like any other equipment it needs cleaning and
lubrication for a maximum service life of trouble free crimp-
ing. Light oil (such as 30 weight automotive oil) used at the
oil points, every 1,000 crimps or 3 months, will significantly
enhance the tool life. See Figure 4.
4. Wipe excess oil from hand tool, particularly from crimp-
ing area. Oil transferred from the crimping area onto
certain terminations may affect the electrical characteristics
of an application.
5. When tool is not in use, keep the handles closed to pre-
vent objects from becoming lodged in the crimping dies,
and store the tool in a clean, dry area.
Figure 4
CUSTOMER SERVICE +1-800-726-8329 (+1-812-944-6733)
2 of 3


同様の部品番号 - CAT-HT-310-1012-14

メーカー部品番号データシート部品情報
logo
Samtec, Inc
CAT-HT-309-2830-12 SAMTEC-CAT-HT-309-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
CAT-HT-309-2830-12 SAMTEC-CAT-HT-309-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
CAT-HT-393-2430-13 SAMTEC-CAT-HT-393-2430-13 Datasheet
819Kb / 3P
   Straight Action Hand Tool
More results

同様の説明 - CAT-HT-310-1012-14

メーカー部品番号データシート部品情報
logo
Samtec, Inc
STS-M-246-1416-14 SAMTEC-STS-M-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-393-2430-13 SAMTEC-STS-M-393-2430-13 Datasheet
819Kb / 3P
   Straight Action Hand Tool
CAT-HT-169-1620-11 SAMTEC-CAT-HT-169-1620-11 Datasheet
394Kb / 4P
   Straight Action Hand Tool
STS-M-169-2024-13 SAMTEC-STS-M-169-2024-13 Datasheet
994Kb / 3P
   Straight Action Hand Tool
STS-M-179-2030-13 SAMTEC-STS-M-179-2030-13 Datasheet
997Kb / 3P
   Straight Action Hand Tool
STS-M-383-2426-13 SAMTEC-STS-M-383-2426-13 Datasheet
725Kb / 3P
   Straight Action Hand Tool
STS-M-310-1012-14 SAMTEC-STS-M-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
CAT-HT-246-1416-14 SAMTEC-CAT-HT-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-174-2030-13 SAMTEC-STS-M-174-2030-13 Datasheet
995Kb / 3P
   Straight Action Hand Tool
STS-M-281-2430-13 SAMTEC-STS-M-281-2430-13 Datasheet
886Kb / 3P
   Straight Action Hand Tool
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com