データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA2-001-3000 データシート(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

部品番号 LA2-001-3000
部品情報  Cable assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
ホームページ  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LA2-001-3000 データシート(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LA2-001-3000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LA2-001-3000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Cable assembly
RPC-N Plug / RPC-N Plug – RTK 081 Cable
LA2-001-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 c-H
Available variants
Type
max. Insertion loss at 18 GHz
Marking
Weight (g) / pce
LA2-001-XXX
≤ 0.00066 dB/mm * A mm + 0.5 dB
ROSENBERGER YYYY-WW
LA2-001-XXX
FAC-RRRRRRR
ssss
0.146 g/mm * A mm + 100 g
XXX – length in mm = A
Standard lengths are 1000, 3000, 5000 and 10000 mm
WW – week
YYYY – year
ssss – serial no.
FAC – Factory Code
RRRRRRR – lot nr.
Note:
max. Insertion Loss:
First constant = Cable attenuation in dB /mm; Second Constant = Connector left and Connector right +needed Adaptor
Weight:
First constant = Cable- and Armour- weight per mm; Second Constant = Connector left and Connector right weight per pce
Assembly parts
Connector left
RPC-N plug
05S121-2A2S3
Connector right
RPC-N plug
05S121-2A2S3
Cable
RTK 081
Electrical data
Impedance
50
Frequency
DC to 18 GHz
Return loss
1
≥ 17 dB, DC to 18 GHz
Insertion loss
1
see table available variants
Individual testing and documentation:
Measurement plot with all 4 S-Parameters (S11; S22; S21; S12) is included with the cable assembly and on
the backside the care and handling instruction is printed. Measurement adaptors used are mentioned in the
commentary field.
1 Return Loss and Insertion Loss includes the measurement adaptor


同様の部品番号 - LA2-001-3000

メーカー部品番号データシート部品情報
logo
Rosenberger Hochfrequen...
LA2-001-1000 ROSENBERGER-LA2-001-1000 Datasheet
695Kb / 2P
   Cable assembly
LA2-001-10000 ROSENBERGER-LA2-001-10000 Datasheet
695Kb / 2P
   Cable assembly
More results

同様の説明 - LA2-001-3000

メーカー部品番号データシート部品情報
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com