データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440660022 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7440660022
部品情報  WE-TPC SMD Shielded Tiny Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7440660022 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7440660022_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660022_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660022_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660022_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660022_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660022_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4.5
4.4
4.3
4.2
4.1
4.0
REV
2015-01-29
2014-09-11
2014-04-01
2013-05-27
2013-04-09
2008-11-24
DATE
SSt
SSt
SSt
SSt
SSt
ME
BY
JRS
JRS
SSt
COt
COt
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TPC SMD Shielded Tiny Power Inductor
Order.- No.
7440660022
SIZE
A4
Size: 1038
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds, except Tp 260°C at tp 10 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7440660022_15

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440660022 WURTH-7440660022 Datasheet
114Kb / 3P
   POWER-CHOKE WE-TPC
logo
List of Unclassifed Man...
7440660022 ETC2-7440660022 Datasheet
164Kb / 2P
   Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
More results

同様の説明 - 7440660022_15

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744042008 WURTH-744042008_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744062120 WURTH-744062120_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690220 WURTH-7440690220_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042220 WURTH-744042220_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744031002 WURTH-744031002_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690033 WURTH-7440690033_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690150 WURTH-7440690150_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042221 WURTH-744042221_17 Datasheet
262Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744030002 WURTH-744030002_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744065221 WURTH-744065221_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440430012 WURTH-7440430012 Datasheet
1,016Kb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com