データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4052D データシート(PDF) 20 Page - NXP Semiconductors

部品番号 74HC4052D
部品情報  Dual 4-channel analog multiplexer, demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052D データシート(HTML) 20 Page - NXP Semiconductors

Back Button 74HC4052D Datasheet HTML 16Page - NXP Semiconductors 74HC4052D Datasheet HTML 17Page - NXP Semiconductors 74HC4052D Datasheet HTML 18Page - NXP Semiconductors 74HC4052D Datasheet HTML 19Page - NXP Semiconductors 74HC4052D Datasheet HTML 20Page - NXP Semiconductors 74HC4052D Datasheet HTML 21Page - NXP Semiconductors 74HC4052D Datasheet HTML 22Page - NXP Semiconductors 74HC4052D Datasheet HTML 23Page - NXP Semiconductors 74HC4052D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
2004 Nov 11
20
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
MNB059
tTHL (tf)tTLH (tr)
VM
tW
positive
input pulse
negative
input pulse
0 V
amplitude
90%
10%
tTLH (tr)tTHL (tf)
VM
tW
0 V
amplitude
90%
10%
Fig.21 Input pulse definitions.
FAMILY
AMPLITUDE
VM
tr and tf
fmax; PULSE WIDTH
OTHER
74HC4052
VCC
50 %
< 2ns
6 ns
74HCT4052
3.0 V
1.3 V
< 2ns
6 ns
handbook, full pagewidth
open
switch
VCC
VEE
GND
VCC Vis
VI
VO
MNB058
D.U.T.
CL
RT
RL
PULSE
GENERATOR
Fig.22 Test circuit for measuring AC performance.
TEST
SWITCH
Vis
tPZH
VEE
VCC
tPZL
VCC
VEE
tPHZ
VEE
VCC
tPLZ
VCC
VEE
other
open
pulse
Definitions for test circuit:
RL = load resistance
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tr =tf = 6 ns; when measuring fmax, there is no constraint to tr and tf with 50 % duty factor.


同様の部品番号 - 74HC4052D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC4052D NXP-74HC4052D Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
74HC4052D NXP-74HC4052D Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Toshiba Semiconductor
74HC4052D TOSHIBA-74HC4052D Datasheet
282Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-12-03 Rev.5.0
logo
Nexperia B.V. All right...
74HC4052D NEXPERIA-74HC4052D Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052D-Q100 NEXPERIA-74HC4052D-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
More results

同様の説明 - 74HC4052D

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com