データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX53-16 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BCX53-16
部品情報  PNP Medium power transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BCX53-16 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BCX53-16 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BCX53-16 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BCX53-16 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BCX53-16 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BCX53-16 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
PNP Medium power transistors
BCX51/BCX52/BCX53
E020
www.gmicroelec.com
Rev.A
1
FEATURES
For AF driver and output stages.
High collector current.
Low collector-emitter saturation voltage.
Complementary types: BCX54/BCX55/BCX56.
APPLICATIONS
Medium power general purposes.
Driver stages of audio amplifiers.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
BCX51
AA
SOT-89
BCX51-10
AC
SOT-89
BCX51-16
AD
SOT-89
BCX52
AE
SOT-89
BCX52-10
AG
SOT-89
BCX52-16
AM
SOT-89
BCX53
AH
SOT-89
BCX53-10
AK
SOT-89
BCX53-16
AL
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BCX51
BCX52
BCX53
-45
-60
-100
V
VCEO
Collector-Emitter Voltage
BCX51
BCX52
BCX53
-45
-60
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1
A
ICM
Collector Current -Peak
-1.5
A
PD
Total Device Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-65 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free


同様の部品番号 - BCX53-16

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCX53-16 PHILIPS-BCX53-16 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Infineon Technologies A...
BCX53-16 INFINEON-BCX53-16 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-07-29
logo
Siemens Semiconductor G...
BCX53-16 SIEMENS-BCX53-16 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
GUANGDONG HOTTECH INDUS...
BCX53-16 HOTTECH-BCX53-16 Datasheet
189Kb / 2P
   Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX53-16 INFINEON-BCX53-16 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

同様の説明 - BCX53-16

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com