データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD2010T030L1R0 データシート(PDF) 7 Page - AVX Corporation

部品番号 SD2010T030L1R0
部品情報  Schottky Barrier Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

SD2010T030L1R0 データシート(HTML) 7 Page - AVX Corporation

  SD2010T030L1R0 Datasheet HTML 1Page - AVX Corporation SD2010T030L1R0 Datasheet HTML 2Page - AVX Corporation SD2010T030L1R0 Datasheet HTML 3Page - AVX Corporation SD2010T030L1R0 Datasheet HTML 4Page - AVX Corporation SD2010T030L1R0 Datasheet HTML 5Page - AVX Corporation SD2010T030L1R0 Datasheet HTML 6Page - AVX Corporation SD2010T030L1R0 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
083116
W
F
E
D1
P
P2
P0
A0
D
T
B0
B1
K0
T2
~
~
R Min.
User Direction of Feed
Bar Code Label
Tape and Components
Shall Pass Around
Radius " R "
Without Damage
Bending Radius
Embossment
Embossed
Carrier
Top Cover
tape thickness (t1)
0.10mm( 0.004" ) Max.
CARRIER TAPE
Tape Size
D
E
P0
A0
B0
K0
T max
P2
8, 12 mm
1.50 ± 0.1
1.75 ± 0.1
4.0 ± 0.1
(0.059 ±0.004) (0.069 ± 0.004) (0.157 ± 0.004)
See Note 1
0.4
2.0 ± 0.1
16 mm
1.55 ± 0.05
1.75 ± 0.1
4.0 ± 0.1
-0.016
(0.079 ± 0.002)
(0.061 ±0.002) (0.069 ± 0.004) (0.157 ± 0.004)
EMBOSSED TAPE
mm (inches)
Product Size
Tape Size
B1
D1
FP
W
T2
R Min
0603
8.00 ± 0.30
1.00 ± 0.10
8mm
2.0 max
0.80 ± 0.05
3.50 ± 0.05
(0.315 ± 0.012) (0.039 ± 0.004)
25
0805
(0.079 max)
(0.031 ± 0.002) (0.138 ± 0.002)
1.22 ± 0.10
-0.98
(0.048 ± 0.004)
1206
4.00 ± 0.10
1.75 ± 0.1
(0.157 ± 0.004)
(0.069 ± 0.004)
1206-S
1.40 ± 0.1
12mm
8.2 max
5.50 ± 0.05
12.00 ± 0.30
(0.055 ± 0.004)
30
2010
(0.323 max)
1.50 min.
(0.217 ± 0.002)
(0.472 ± 0.012)
1.51 ± 0.10
-1.181
(0.059 min.)
(0.059 ± 0.004)
2114
1.65 ± 0.10
8.00 ± 0.10
(0.065 ± 0.004)
3220
16mm
12.1 max
7.50 ± 0.10
(0.315 ± 0.004)
16.00 ± 0.30
2.50 max
40
(0.476 max)
(0.295 ± 0.004)
(0.630 ± 0.012)
(0.098 max)
-1.575
NOTES:
1. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm (0.002") Min.to 0.50 mm (0.02") Max.
for 8mm tape, and 0.15mm (0.066") Min. to 0.90 mm (0.035") Max. 12 mm tape.
2. All surface mount components are packed in accordance with EIA standard 481-1 and 481-2
REEL DIMENSIONS
QUANTITIES
Symbol
Tape Size
φA
φB
φCW
T
0603
8
178 ± 2.0
60 ± 0.5
13.5 ± 0.5
12.0 ± 0.5
9.0 ± 0.5
0805
-0.315
(7.008 ± 0.079) (2.362 ± 0.020) (0.532 ± 0.020) (0.472 ± 0.020) (0.354 ± 0.020)
1206
178 ± 2.0
1206-T
12
(7.008 ± 0.079)
18.7 max
14.4 max
2010
-0.472
50 min
13.0 ± 0.5
(0.736 max)
(0.567 max)
2114
330 ± 2.0
(1.969 min)
(0.512 ± 0.020)
3220
16
(12.99 ± 0.079)
22.7 max
18.4 max
-0.63
(0.893 max)
(0.724 max)
mm (inches)
Size
Reel Size
Qty/Reel
0603
7"
3,000
0805
1206
1206-T
7"
3,000
2010
2114
13"
5,000
3220
13"
3,000
Schottky Barrier Rectifier Diode
Lead-less Chip Form


同様の部品番号 - SD2010T030L1R0

メーカー部品番号データシート部品情報
logo
AVX Corporation
SD2010T030L0R1 AVX-SD2010T030L0R1 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
SD2010T030L0R2 AVX-SD2010T030L0R2 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
SD2010T030L0R3 AVX-SD2010T030L0R3 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
More results

同様の説明 - SD2010T030L1R0

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD2114S040S8R0 AVX-SD2114S040S8R0 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com