データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA178M09FP データシート(PDF) 4 Page - Rohm

部品番号 BA178M09FP
部品情報  Standard 78M series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA178M09FP データシート(HTML) 4 Page - Rohm

  BA178M09FP Datasheet HTML 1Page - Rohm BA178M09FP Datasheet HTML 2Page - Rohm BA178M09FP Datasheet HTML 3Page - Rohm BA178M09FP Datasheet HTML 4Page - Rohm BA178M09FP Datasheet HTML 5Page - Rohm BA178M09FP Datasheet HTML 6Page - Rohm BA178M09FP Datasheet HTML 7Page - Rohm BA178M09FP Datasheet HTML 8Page - Rohm BA178M09FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BA178M!!T / BA178M!!FP series
Regulator ICs
<BA178M06T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=11V, IO=350mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
5.75
6.0
6.25
V
IO
=350mA
VO2
5.7
6.3
V
Reg.I1
3
100
mV
Reg.I2
150
mV
R.R.
60
74
dB
Reg.L1
20
120
mV
IO
=5~500mA
Reg.L2
10
60
mV
IO
=5~200mA
TCVO
−−0.5
Vn
60
−µVf=10Hz~100kHz
Vd
2.0
VIO
=500mA
Ib
4.5
6.0
mA
IO
=0mA
Ib1
−−
0.5
mA
IO
=5~350mA
Ib2
−−
0.8
mA
IO
P
875
mA
Tj
=25
°C
IOS
0.4
AVIN
=25V
VIN
=8.5~21V, IO=5~350mA
VIN
=8~25V, IO=200mA
VIN
=9~25V, IO=200mA
eIN
=1Vrms, f=120Hz, IO=100mA
IO
=5mA, Tj=0~125
°C
VIN
=9~25V, IO=200mA
mV/
°C
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
<BA178M07T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=13V, IO=350mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
6.7
7.0
7.3
V
IO
=350mA
VO2
6.65
7.35
V
Reg.I1
4
100
mV
Reg.I2
150
mV
R.R.
57
71
dB
Reg.L1
20
140
mV
IO
=5~500mA
Reg.L2
10
70
mV
IO
=5~200mA
TCVO
−−0.5
Vn
70
−µVf=10Hz~100kHz
Vd
2.0
VIO
=500mA
Ib
4.5
6.0
mA
IO
=0mA
Ib1
−−
0.5
mA
IO
=5~350mA
Ib2
−−
0.8
mA
IO
P
875
mA
Tj
=25
°C
IOS
0.4
AVIN
=25V
VIN
=9.5~22V, IO=5~350mA
VIN
=9~25V, IO=200mA
VIN
=10~25V, IO=200mA
eIN
=1Vrms, f=120Hz, IO=100mA
IO
=5mA, Tj=0~125
°C
VIN
=10~25V, IO=200mA
mV/
°C
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6


同様の部品番号 - BA178M09FP

メーカー部品番号データシート部品情報
logo
Rohm
BA178M09FP ROHM-BA178M09FP Datasheet
251Kb / 6P
   Three-Terminal Regulator
BA178M09FP ROHM-BA178M09FP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

同様の説明 - BA178M09FP

メーカー部品番号データシート部品情報
logo
Rohm
BA17805T ROHM-BA17805T Datasheet
122Kb / 11P
   Standard 78 series, 3-pin regulator
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
XP Power Limited
SR10S1V8 XPPOWER-SR10S1V8 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
XP Power Limited
SR05S05 XPPOWER-SR05S05 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com