データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N137A データシート(PDF) 5 Page - Vishay Siliconix

部品番号 6N137A
部品情報  High Speed Optocoupler, 10 MBd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137A データシート(HTML) 5 Page - Vishay Siliconix

  6N137A Datasheet HTML 1Page - Vishay Siliconix 6N137A Datasheet HTML 2Page - Vishay Siliconix 6N137A Datasheet HTML 3Page - Vishay Siliconix 6N137A Datasheet HTML 4Page - Vishay Siliconix 6N137A Datasheet HTML 5Page - Vishay Siliconix 6N137A Datasheet HTML 6Page - Vishay Siliconix 6N137A Datasheet HTML 7Page - Vishay Siliconix 6N137A Datasheet HTML 8Page - Vishay Siliconix 6N137A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6N137A
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-May-13
5
Document Number: 84131
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per DIN EN 60747-5-5, §7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of prodective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Diode Forward Current vs. Forward Voltage
Fig. 6 - Input Threshold On Current vs. Ambient Temperature
Fig. 7 - Input Threshold Off Current vs. Ambient Temperature
Fig. 8 - Low Level Output Voltage vs. Ambient Temperature
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
MAXIMUM SAFETY RATINGS
Output safety power
PSO
600
mW
Input safety current
Isi
230
mA
Safety temperature
TS
175
°C
Comparative tracking index
CTI
175
INSULATION RATED PARAMETERS
Maximum withstanding isolation voltage
VISO
5000
VRMS
Maximum transient isolation voltage
VIOTM
6000
Vpeak
Maxium repetitive peak isolation voltage
VIORM
630
Vpeak
Insulation resistance
Tamb = 25 °C, VDC = 500 V
RIO
1012
Isolation resistance
Tamb = 100 °C, VDC = 500 V
RIO
1011
Climatic classification (according to IEC 68 part 1)
40/85/21
Environment (pollution degree in accordance to DIN VDE 0109)
2
Maximum creepage
7
mm
Clearance
7
mm
Insulation thickness
0.4
mm
1
10
100
1.0
1.2
1.4
1.6
1.8
V
F - Forward Voltage (V)
0
2
4
6
8
10
12
- 40
- 20
0
20
40
60
80
T
amb - Ambient Temperature (°C)
V
E = 2 V
V
O = 5.5 V
R
L = 4 kΩ
R
L = 350 Ω
R
L = 1 kΩ
0
2
4
6
8
10
12
- 40
- 20
0
20
40
60
80
T
amb - Ambient Temperature (°C)
V
E = 2 V
V
O = 5.5 V
R
L = 4 kΩ
R
L = 350 Ω
R
L = 1 kΩ
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
- 40
- 20
0
20
40
60
80
T
amb - Ambient Temperature (°C)
V
CC = 5.5 V
V
E = 2 V
I
F = 5 mA
I
L = 16 mA
I
L = 13 mA
I
L = 10 mA
I
L = 6 mA


同様の部品番号 - 6N137A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
6N137A VISHAY-6N137A Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X001 VISHAY-6N137A-X001 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X007T VISHAY-6N137A-X007T Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X017T VISHAY-6N137A-X017T Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
More results

同様の説明 - 6N137A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com